Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1631R47 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FWLF1631R47
Description  Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1631R47 Datasheet(HTML) 2 Page - Finisar Corporation.

  FWLF1631R47 Datasheet HTML 1Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 2Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 3Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 4Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 5Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 6Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 7Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 8Page - Finisar Corporation. FWLF1631R47 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 2
Rev B, November 2006
PRODUCT SELECTION
Product Code
Frequency (THz)
Center Wavelength (nm)
FWLF1631R17
191.7
1563.86
FWLF1631R18
191.8
1563.05
FWLF1631R19
191.9
1562.23
FWLF1631R20
192.0
1561.42
FWLF1631R21
192.1
1560.61
FWLF1631R22
192.2
1559.79
FWLF1631R23
192.3
1558.98
FWLF1631R24
192.4
1558.17
FWLF1631R25
192.5
1557.36
FWLF1631R26
192.6
1556.55
FWLF1631R27
192.7
1555.75
FWLF1631R28
192.8
1554.94
FWLF1631R29
192.9
1554.13
FWLF1631R30
193.0
1553.33
FWLF1631R31
193.1
1552.52
FWLF1631R32
193.2
1551.72
FWLF1631R33
193.3
1550.92
FWLF1631R34
193.4
1550.12
FWLF1631R35
193.5
1549.32
FWLF1631R36
193.6
1548.51
FWLF1631R37
193.7
1547.72
FWLF1631R38
193.8
1546.92
FWLF1631R39
193.9
1546.12
FWLF1631R40
194.0
1545.32
FWLF1631R41
194.1
1544.53
FWLF1631R42
194.2
1543.73
FWLF1631R43
194.3
1542.94
FWLF1631R44
194.4
1542.14
FWLF1631R45
194.5
1541.35
FWLF1631R46
194.6
1540.56
FWLF1631R47
194.7
1539.77
FWLF1631R48
194.8
1538.98
FWLF1631R49
194.9
1538.19
FWLF1631R50
195.0
1537.40
FWLF1631R51
195.1
1536.61
FWLF1631R52
195.2
1535.82
FWLF1631R53
195.3
1535.04
FWLF1631R54
195.4
1534.25
FWLF1631R55
195.5
1533.47
FWLF1631R56
195.6
1532.68
FWLF1631R57
195.7
1531.90
FWLF1631R58
195.8
1531.12
FWLF1631R59
195.9
1530.33
FWLF1631R60
196.0
1529.55
FWLF1631R61
196.1
1528.77
Note: Initial availability limited to the highlighted channels. Additional channels available on a custom order basis


Similar Part No. - FWLF1631R47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
logo
Frontier Electronics.
FWLF1631RXX FRONTIER-FWLF1631RXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
More results

Similar Description - FWLF1631R47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com