Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1322P1BTR Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLF1322P1BTR
Description  OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1322P1BTR Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLF1322P1BTR Datasheet HTML 1Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 2Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 3Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 4Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 5Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 6Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 7Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 8Page - Finisar Corporation. FTLF1322P1BTR Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FTLF1322P1xTR Pluggable SFP Product Specification - December 2005
F i n i s a r
 Finisar Corporation December 2, 2005 Rev.A
Page 3
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.5
V
Storage Temperature
TS
-40
100
°C
Case Operating Temperature
TOP
-40
85
°C
Relative Humidity
RH
0
85
%
1
III.
Electrical Characteristics (TOP = -40 to 85 °°°°C, VCC = 3.10 to 3.50 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.10
3.50
V
Supply Current
Icc
165
300
mA
Transmitter
Input differential impedance
Rin
100
2
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
3
Transmit Disable Assert Time
10
µs
Receiver
Single ended data output swing
Vout,pp
300
400
800
mV
4
Data rise/fall time @ OC-12
tr
150
300
ps
5
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
6
LOS Normal
VLOS norm
Vee
Vee+0.5
V
6
Power Supply Rejection
PSR
100
mVpp
7
Notes:
1. Non condensing.
2. AC coupled.
3. Or open circuit.
4. Into 100 ohm differential termination.
5. 20 – 80 %
6. Loss Of Signal is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
7. All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to 1.5
MHz up to specified value applied through the power supply filtering network shown on page 23 of the
Small Form-factor Pluggable (SFP) Transceiver MultiSource Agreement (MSA), September 14, 2000.


Similar Part No. - FTLF1322P1BTR

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1322P1TR FINISAR-FTLF1322P1TR Datasheet
687Kb / 11P
   OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
logo
Frontier Electronics.
FTLF1322P1XTR FRONTIER-FTLF1322P1XTR Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1322P1XTR FINISAR-FTLF1322P1XTR Datasheet
687Kb / 11P
   OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
More results

Similar Description - FTLF1322P1BTR

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1322P1TR FINISAR-FTLF1322P1TR Datasheet
687Kb / 11P
   OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
FTRJ1322P1WTR FINISAR-FTRJ1322P1WTR Datasheet
670Kb / 11P
   OC-12 IR-1/STM S-4.1 Multirate Pluggable SFP Transceiver
FTLF1422P1TL FINISAR-FTLF1422P1TL Datasheet
675Kb / 11P
   OC-12 LR-1/STM L-4.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1422P1WTL FINISAR-FTLF1422P1WTL Datasheet
647Kb / 11P
   OC-12 LR-1/STM L-4.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1WTL FINISAR-FTLF1421P1WTL Datasheet
722Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1CL FINISAR-FTLF1421P1CL Datasheet
740Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1WCL FINISAR-FTLF1421P1WCL Datasheet
700Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1323P1XTR FINISAR-FTLF1323P1XTR Datasheet
674Kb / 11P
   OC-3 IR-1/STM S-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1323P1WTR FINISAR-FTLF1323P1WTR Datasheet
647Kb / 11P
   OC-3 IR-1/STM S-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1TL FINISAR-FTLF1421P1TL Datasheet
757Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com