Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1319F1KTL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLF1319F1KTL
Description  2 Gigabit RoHS Compliant Long-Wavelength 2x5 Pin SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1319F1KTL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLF1319F1KTL Datasheet HTML 1Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 2Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 3Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 4Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 5Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 6Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 7Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 8Page - Finisar Corporation. FTLF1319F1KTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FTLF1319F1xTL 2x5 Pin SFF Product Specification – March 2006
F i n i s a r
III.
Electrical Characteristics (TA = -40 to 85 °C, VCC = 3.0 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.00
3.60
V
Supply Current
Icc
300
mA
Transmitter
Input differential impedance
Rin
100
Ω
1
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
2
Transmit Disable Assert Time
10
us
Receiver
Single ended data output swing
Vout,pp
300
800
mV
3
Data output rise time
tr
100
175
ps
4
Data output fall time
tf
100
175
ps
4
Signal Detect Normal
VSD norm
Vcc – 0.5
Vcc
V
5
Signal Detect Fault
VSD fault
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Deterministic Jitter Contribution
(p-p)
RX ∆DJ
50
ps
7
Total Jitter Contribution (p-p)
RX ∆TJ
120
ps
8
Notes:
1. AC coupled.
2. Or open circuit.
3. Into 100
Ω differential termination.
4. 20 – 80 %
5. Signal detect is LVTTL. Logic 1 indicates normal operation; logic 0 indicates no signal detected.
6. Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz
up to specified value applied through the recommended power supply filtering network.
7. Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input
DJ and ∆DJ.
8. If measured with TJ-free data input signal. In actual application, output TJ will be given by:
() (
)2
2
DJ
TJ
DJ
TJ
DJ
DJ
TJ
IN
IN
IN
OUT
Δ
Δ
+
+
Δ
+
=
© Finisar Corporation March 30, 2006 Rev. D
Page 3


Similar Part No. - FTLF1319F1KTL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1319F1XTL FRONTIER-FTLF1319F1XTL Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1319F1XTL FINISAR-FTLF1319F1XTL Datasheet
264Kb / 10P
   2 Gigabit RoHS Compliant Long-Wavelength 2x5 Pin SFF Transceiver
More results

Similar Description - FTLF1319F1KTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1319F1XTL FINISAR-FTLF1319F1XTL Datasheet
264Kb / 10P
   2 Gigabit RoHS Compliant Long-Wavelength 2x5 Pin SFF Transceiver
FTRJ1319F1GTL FINISAR-FTRJ1319F1GTL Datasheet
238Kb / 9P
   2 Gigabit Long-Wavelength 2x5 Pin SFF Transceiver
FTLF8519F2XNL FINISAR-FTLF8519F2XNL Datasheet
289Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GTL FINISAR-FTLF8519F2GTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GNL FINISAR-FTLF8519F2GNL Datasheet
264Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XCL FINISAR-FTLF8519F2XCL Datasheet
314Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com