Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475MPW250K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 475MPW250K
Description  105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475MPW250K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  475MPW250K Datasheet HTML 1Page - Illinois Capacitor, Inc. 475MPW250K Datasheet HTML 2Page - Illinois Capacitor, Inc. 475MPW250K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
178
®
160
(90)
250
(200)
400
(220)
630
(250)
MPW
+105°C Metallized
Polypropylene Axial
Leaded Wrap and Fill
Capacitors
PHYSICAL DIMENSIONS
0.001
5.5x11.5
0.0015
5.5x11.5
6x14.5
0.0022
5.5x11.5
6x14.5
0.0033
5.5x11.5
6x14.5
0.0047
5.5x11.5
6x14.5
0.0068
5.5x11.5
6x14.5
0.0082
5.5x11.5
6x14.5
0.01
6x14.5
6.5x14.5
0.015
5.5x14.5
6.5x14.5
7x14.5
0.022
5.5x11.5
6x14.5
7x14.5
8.5x14.5
0.033
5.5x11.5
6.5x14.5
7x14.5
8.5x20.5
0.047
5.5x11.5
6.5x14.5
8.5x14.5
9x20.5
0.068
6.5x14.5
7x14.5
8.5x20.5
9x29
0.1
6.5x14.5
8.5x14.5
8.5x20.5
10.5x29
0.15
7x14.5
8x20.5
9.5x29
12x29
0.22
8x14.5
9.5x20.5
10.5x29
12.5x34
0.33
8.5x20.5
10x29
12.5x29
15.5x34
0.47
9.5x20.5
11x29
14x29
18x34
0.68
10x29
12.5x29
15x34
22x34
1
11x29
13x34
17.5x34
1.5
13x29
16x34
20.5x34
2.2
13.5x34
19x34
24x46
3.3
16x34
17x47
24x47
4.7
18x34
22.5x47
28.5x47
6.8
18.5x46.5
10
22.5x46.5
µF
WVDC
(VAC)
Convert to inches, divide by 25.4
DxL(mm)
Lead Diameter
Dd
< 8.0
0.6
8
≤D≤22
0.8
>22
1.0
D
Max
35.0 min
L
Max
d
35.0 min


Similar Part No. - 475MPW250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475MPW250K ILLINOISCAPACITOR-475MPW250K Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
475MPW250K ILLINOISCAPACITOR-475MPW250K Datasheet
190Kb / 2P
   Low ESR - High AC/Ripple Current - Stable with frequency and
More results

Similar Description - 475MPW250K

ManufacturerPart #DatasheetDescription
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
List of Unclassifed Man...
15015463AA ETC2-15015463AA Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
   High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com