Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

505MPR400KP2 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 505MPR400KP2
Description  Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505MPR400KP2 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  505MPR400KP2 Datasheet HTML 1Page - Illinois Capacitor, Inc. 505MPR400KP2 Datasheet HTML 2Page - Illinois Capacitor, Inc. 505MPR400KP2 Datasheet HTML 3Page - Illinois Capacitor, Inc. 505MPR400KP2 Datasheet HTML 4Page - Illinois Capacitor, Inc. 505MPR400KP2 Datasheet HTML 5Page - Illinois Capacitor, Inc. 505MPR400KP2 Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MPRP
Metallized Polypropylene
Motor Run/AC Film
Capacitors in Round Tubes
±10% at 1kHz, 20°C
±5%, +10%/-5% optional
Capacitance Tolerance
-40°C to +85°C (UL P2, EN60252 VDE P0 class C)
-40°C to +105°C
Load Life
AC Voltage
VAC
Dissipation Factor
(tan
δ)@ 1 kHz and 20°C
Construction
Electrodes
Certification
Vacuum deposited metal layers
Coating
UL E311560
Terminal to Terminal
250
350
400
450
500
600
Operating Temperature Range
Note VAC must be de-rated by 1.25% per °C exceeding 85°C
Insulation Resistance
@20°C (<70% RH)for 1 minute at
100VDC applied
160% VAC for 60 Seconds and 20°C applied
between terminals
(200% VAC for EN 60252)
Terminal to Case
3KV at 60Hz for 60 Seconds applied between
terminals and case
Solvent resistant plastic case (UL 94V-0) with epoxy end fill ( UL 94V-0)
Freq
1 kHz
C
≤2.2uF
.06
2.2uF<C
≤15uF
.01
15uF<C
≤22uF
0.12
C>22uF
0.14
1000M
ΩxµF
125% of rated VAC at 85°C & 105°C
Dielectric Strength
6000 hours for class A (30000 hours of continuous service life)
2000 hours for class B (10000 hours of continuous service life)
600 hours for class C (3000 hours of continuous service life)
Metallized Polypropylene film
Segmented Metallized Polypropylene film (Safety Mechanism Capacitors)
I Safety Agency Approved
I Self Healing
I Multiple Case Sizes
I Multiple Lead Styles
I Flame retardant Construction
FEATURES
I Motor Run
I General Purpose AC
I UL/CSA 810 Approved
I Motor Speed Controls
I Switching Capacitor for Industrial Controls
APPLICATIONS
SPECIFICATIONS


Similar Part No. - 505MPR400KP2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505MP250K ILLINOISCAPACITOR-505MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
505MP350K ILLINOISCAPACITOR-505MP350K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
505MP400K ILLINOISCAPACITOR-505MP400K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
505MP450K ILLINOISCAPACITOR-505MP450K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
505MP500K ILLINOISCAPACITOR-505MP500K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
More results

Similar Description - 505MPR400KP2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
105MP250K ILLINOISCAPACITOR-105MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
logo
Cornell Dubilier Electr...
32FD3701-F CDE-32FD3701-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com