Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL-161947 Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FTL-161947
Description  CWDM GBIC Transceiver with APD Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL-161947 Datasheet(HTML) 9 Page - Finisar Corporation.

  FTL-161947 Datasheet HTML 1Page - Finisar Corporation. FTL-161947 Datasheet HTML 2Page - Finisar Corporation. FTL-161947 Datasheet HTML 3Page - Finisar Corporation. FTL-161947 Datasheet HTML 4Page - Finisar Corporation. FTL-161947 Datasheet HTML 5Page - Finisar Corporation. FTL-161947 Datasheet HTML 6Page - Finisar Corporation. FTL-161947 Datasheet HTML 7Page - Finisar Corporation. FTL-161947 Datasheet HTML 8Page - Finisar Corporation. FTL-161947 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
FTL-1619-XX WDM GBIC
Product Specification February 2007
F i n i s a r
© Finisar Corporation February 2007 – Rev. B
Page 9
X.
References
1. IEEE Std 802.3, 2000 Edition, Clause 38. IEEE Standards Department, 2000.
2. “Fibre Channel Physical and Signaling Interface (FC-PH, FC-PH2, FC-PH3)”.
American National Standard for Information Systems.
3. “Gigabit Interface Converter (GBIC) Revision 5.5”. (*) Sun Microsystems Computer
Company et. al., August 16, 1999.http://playground.sun.com/pub/OEmod/
4. Directive 2002/95/EC of the European Council Parliament and of the Council, “on the
restriction of the use of certain hazardous substances in electrical and electronic
equipment.” January 27, 2003.
5. “Application
Note
AN-2038:
Finisar
Implementation
Of
RoHS
Compliant
Transceivers”, Finisar Corporation, January 21, 2005.
6. “Application Note AN-2030: Digital Diagnostic Monitoring Interface for SFP Optical
Transceivers”, Finisar Corporation, April 2002.
7. “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM”. Atmel Corporation.
www.Atmel.com
(*) Neither GBIC, FC-PH, nor IEEE802.3 specifies a 14xx/15xx/16xx nm single mode
interface. The FTL-1619-XX complies with these specifications except for the following
optical parameters: laser wavelength, receiver sensitivity, and transmit output power. See
Table 6 for details.
XI. For More Information
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FTL-161947

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-49 FINISAR-FTL-1619-49 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-51 FINISAR-FTL-1619-51 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-53 FINISAR-FTL-1619-53 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-55 FINISAR-FTL-1619-55 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
More results

Similar Description - FTL-161947

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621T-47 FINISAR-FTR-1621T-47 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FWDM-1619-7D-47 FINISAR-FWDM-1619-7D-47 Datasheet
417Kb / 10P
   WDM SFP Transceiver with APD Receiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com