Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX8511D3 Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FTLX8511D3
Description  RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8511D3 Datasheet(HTML) 8 Page - Finisar Corporation.

Back Button FTLX8511D3 Datasheet HTML 3Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 4Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 5Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 6Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 7Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 8Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 9Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 10Page - Finisar Corporation. FTLX8511D3 Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FTLX8511D3 Datacom XFP Product Specification – May 2007
F i n i s a r
© Finisar Corporation 31-May-2007
Rev C
Page 8
IX.
Mechanical Specifications
Finisar’s XFP transceivers are compliant with the dimensions defined by the XFP Multi-
Sourcing Agreement (MSA). Bail color is beige.
UNLATCHED
8.50
13.30
16.00
20.85
39.00
R1.00
LATCHED
18.35
77.95
22.15
XFP Transceiver (dimensions are in mm)


Similar Part No. - FTLX8511D3

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8511D3BTL FINISAR-FTLX8511D3BTL Datasheet
255Kb / 11P
   Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
More results

Similar Description - FTLX8511D3

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
   RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
FTLX8512D3BTL FINISAR-FTLX8512D3BTL Datasheet
293Kb / 11P
   Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8511D3BTL FINISAR-FTLX8511D3BTL Datasheet
255Kb / 11P
   Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8573D3BTL FINISAR-FTLX8573D3BTL Datasheet
650Kb / 12P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 850nm Multimode SFP Datacom Transceiver
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
   10Gb/s 10km Datacom XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1412M3BNL FINISAR-FTLX1412M3BNL Datasheet
179Kb / 11P
   RoHS-6 Compliant Extended Temperature 10Gb/s 10km XFP Optical Transceiver
FTLX1413M3BTL FINISAR-FTLX1413M3BTL Datasheet
484Kb / 11P
   RoHS-6 Compliant Industrial Temperature 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com