Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1322S2GTR Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTLF1322S2GTR
Description  OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x10 SFF Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1322S2GTR Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTLF1322S2GTR Datasheet HTML 2Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 3Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 4Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 5Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 6Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 7Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 8Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 9Page - Finisar Corporation. FTLF1322S2GTR Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FTLF1322S2xTR 2x10 Pin SFF Product Specification – October 2006
F i n i s a r
© Finisar Corporation October, 2006 RevD
Page 6
VIII. Analog Diagnostics Functions (Top = -40 to 85 °C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Monitor photodiode current monitor
Pmon+,
Pmon-
0
Vcc
V
1
Laser bias current monitor
Bmon+,
Bmon-
0
Vcc
V
2
Notes:
1.
Pins 19 and 20 provide an analog voltage output proportional to the monitor photodiode current,
per the following formula: IBIAS = .V(Pmon+ - Pmon-) / 200Ω. The figure below shows the
equivalent circuit.
2.
Pins 17 and 18 provide an analog voltage output proportional to the laser bias current, per the
following formula: IBIAS = .V(Bmon+ - Bmon-) / 10Ω. The figure below shows the equivalent
circuit.
3.
Vcc
10
Ω
3 K
Ω
3 K
Ω
Bmon+
Bmon-
Ibias
Vcc
200
Ω
3 K
Ω
3 K
Ω
Pmon+
Pmon-
Imon
Laser
Monitor
Photodidoe
Analog monitoring function connections.


Similar Part No. - FTLF1322S2GTR

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1322F2GTR FINISAR-FTLF1322F2GTR Datasheet
216Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322F2HTR FINISAR-FTLF1322F2HTR Datasheet
216Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322F2KTR FINISAR-FTLF1322F2KTR Datasheet
216Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322F2MTR FINISAR-FTLF1322F2MTR Datasheet
216Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
logo
Frontier Electronics.
FTLF1322F2XTR FRONTIER-FTLF1322F2XTR Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FTLF1322S2GTR

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1322F2GTR FINISAR-FTLF1322F2GTR Datasheet
216Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322F2XTR FINISAR-FTLF1322F2XTR Datasheet
240Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1323S2GTR FINISAR-FTLF1323S2GTR Datasheet
248Kb / 11P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x10 SFF Transceiver
FTLF1323F2XTR FINISAR-FTLF1323F2XTR Datasheet
246Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323F2GTR FINISAR-FTLF1323F2GTR Datasheet
217Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1322P1WTR FINISAR-FTRJ1322P1WTR Datasheet
670Kb / 11P
   OC-12 IR-1/STM S-4.1 Multirate Pluggable SFP Transceiver
FTLF1421S1GCL FINISAR-FTLF1421S1GCL Datasheet
213Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com