Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM200-01-1 Datasheet(PDF) 9 Page - Finisar Corporation.

Part # DM200-01-1
Description  10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

DM200-01-1 Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button DM200-01-1 Datasheet HTML 2Page - Finisar Corporation. DM200-01-1 Datasheet HTML 3Page - Finisar Corporation. DM200-01-1 Datasheet HTML 4Page - Finisar Corporation. DM200-01-1 Datasheet HTML 5Page - Finisar Corporation. DM200-01-1 Datasheet HTML 6Page - Finisar Corporation. DM200-01-1 Datasheet HTML 7Page - Finisar Corporation. DM200-01-1 Datasheet HTML 8Page - Finisar Corporation. DM200-01-1 Datasheet HTML 9Page - Finisar Corporation. DM200-01-1 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DM200-01-0/1/2 CML
TM Butterfly Transmitter Product Specification – May 2007
F i n i s a r
©
Finisar Corporation –10-May-07
Rev_A
Page 9
Electro-Static Discharge (ESD)
The device meets the ESD Class 3 requirements of the Telcordia standard TR-NWT-
000870 Issue 1, dated February 1991.
IX. Order Information
Product code
For the product specified in this document, the proper product code shall be:
DM200-01-1 (or -0, -2)-xxxx-0-LC-yyyy
This product code should be specified when placing a purchase order.
“01” indicates a butterfly box module as specified in this document.
“1” indicates the laser wavelength will be specified on 100GHz ITU grid as
specified in Table 9 and Table 10. If –“0” is specified, it can be a TDM version
with any wavelength within C or L band, but not guaranteed on ITU grids. –“2”
can also be specified for 50GHz ITU grid.
“xxxx” is the channel ID as specified in Table 9 and Table 10.
“0” indicates modulated output power range is between 0-3dBm. Please contact
Finisar if different power level is needed.
“LC” indicates the fiber connector is LC type. FC and other connector types are
also available.
“yyyy” indicates any special customized request and need to be agreed with
Finisar prior to ordering
X. Revision History
Revision
Date
Description
A
10-May-2007
Document created.


Similar Part No. - DM200-01-1

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4 FINISAR-DM200-01-4 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
More results

Similar Description - DM200-01-1

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
DM80-01-3 FINISAR-DM80-01-3 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
DM200-02-0 FINISAR-DM200-02-0 Datasheet
231Kb / 10P
   10Gb/s 200km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
DM80-02-0 FINISAR-DM80-02-0 Datasheet
231Kb / 10P
   10Gb/s 120km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
logo
Bookham, Inc.
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
MT10EW BOOKHAM-MT10EW Datasheet
547Kb / 10P
   24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com