Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

406MPR350KP Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 406MPR350KP
Description  Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

406MPR350KP Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  406MPR350KP Datasheet HTML 1Page - Illinois Capacitor, Inc. 406MPR350KP Datasheet HTML 2Page - Illinois Capacitor, Inc. 406MPR350KP Datasheet HTML 3Page - Illinois Capacitor, Inc. 406MPR350KP Datasheet HTML 4Page - Illinois Capacitor, Inc. 406MPR350KP Datasheet HTML 5Page - Illinois Capacitor, Inc. 406MPR350KP Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MPRP
Metallized Polypropylene
Motor Run/AC Film
Capacitors in Round
Tubes
PHYSICAL DIMENSIONS
D x L (mm)
250
400
450
1
20x35
20x40
25x40
3
25x35
25x40
30x50
5
28x40
35x40
30x50
7
30x50
35x50
10
30x50
40x50
15
28x60
45x50
50x60
20
35x60
45x60
50x70
25
38x60
45x70
50x70
30
40x60
50x75
55x70
35
42x70
50x85
55x75
40
42x70
50x85
55x85
50
44x85
55x120
60
46x85
50x120
55x140
70
50x85
50x140
PART
NUMBER
VAC
DxL
(mm)
1
250
105MPR250KP2##
20x35
1
400
105MPR400KP2##
20x40
1
450
105MPR450KP2##
25x40
3
250
305MPR250KP2##
25x35
3
400
305MPR400KP2##
25x40
3
450
305MPR450KP2##
30x50
5
250
505MPR250KP2##
28x40
5
400
505MPR400KP2##
35x40
5
450
505MPR450KP2##
30x50
7
250
705MPR250KP2##
30x50
7
450
705MPR450KP2##
35x50
10
250
106MPR250KP2##
30x50
10
450
106MPR450KP2##
40x50
15
250
156MPR250KP2##
28x60
15
400
156MPR400KP2##
45x50
15
450
156MPR450KP2##
50x60
20
250
206MPR250KP2##
35x60
20
400
206MPR400KP2##
45x60
20
450
206MPR450KP2##
50x70
Capacitance
(µF)
25
250
256MPR250KP2##
38x60
25
400
256MPR400KP2##
45x70
25
450
256MPR450KP2##
50x70
30
250
306MPR250KP2##
40x60
30
400
306MPR400KP2##
50x75
30
450
306MPR450KP2##
55x70
35
250
356MPR250KP2##
42x70
35
400
356MPR400KP2##
50x85
35
450
356MPR450KP2##
55x75
40
250
406MPR250KP2##
42x70
40
400
406MPR400KP2##
50x85
40
450
406MPR450KP2##
55x85
50
250
506MPR250KP2##
44x85
50
450
506MPR450KP2##
55x120
60
250
606MPR250KP2##
46x85
60
400
606MPR400KP2##
50x120
60
450
606MPR450KP2##
55x140
70
250
706MPR250KP2##
50x85
70
400
706MPR400KP2##
50x140
STANDARD PART LISTING
## to be assigned by Illinois Capacitor, Inc.
UL P2 Safety Mechanism Capacitors
Additional Case styles and lead terminations available.
Contact Illinois Capacitor, Inc. for details.
PART
NUMBER
VAC
DxL
(mm)
Capacitance
(µF)
VAC
(µF)
Convert to inches, divide by 25.4


Similar Part No. - 406MPR350KP

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
406MP350K ILLINOISCAPACITOR-406MP350K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
More results

Similar Description - 406MPR350KP

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
105MP250K ILLINOISCAPACITOR-105MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
logo
Cornell Dubilier Electr...
32FD3701-F CDE-32FD3701-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com