Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

102PPB202KE Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part No. 102PPB202KE
Description  Polypropylene Film Capacitors for Power Semiconductor Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

102PPB202KE Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  102PPB202KE Datasheet HTML 1Page - Illinois Capacitor, Inc. 102PPB202KE Datasheet HTML 2Page - Illinois Capacitor, Inc. 102PPB202KE Datasheet HTML 3Page - Illinois Capacitor, Inc. 102PPB202KE Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PPB
Polypropylene Film
Capacitor for Power
Semiconductor Circuits
PHYSICAL DIMENSIONS
400
(200)
250
(160)
WVDC
(VAC)
µF
630
(400)
1,000
(630)
1,600
(650)
2,000
(700)
Convert to inches, divide by 25.4
L
d
S ± 0.4
T
LL
L
S
d
LL
18
26.5
32
42.5
15
22.5
27.5
37.5
0.8
0.8
0.8
1.0
5.0±1.0 5.0±1.0 30±5.0 30±5.0
LxHxT (mm)
0.001
26.5x15x6, 18x11x5
0.0015
26.5x15x6, 18x11x5
0.0022
18x11x5
26.5x15x6, 18x12x6
0.0033
18x11x5
18x12x6
18x13.5x7.5
26.5x15x6
0.0047
18x11x5
18x11x5
18x13.5x7.5
18x14.5x8.5
26.5x15x6
0.0068
18x11x5
18x11x5
18x14.5x8.5
18x16x10
26.5x15x6
0.01
18x11x5
26.5x15x6
18x12x6
26.5x17x8.5
18x12x6
26.5x15x6
0.015
18x11x5
18x13.5x7.5
26.5x16x7
26.5x18.5x10
26.5x15x6
0.022
18x12x6
18x14.5x8.5
26.5x17x8.5
26.5x22x13
26.5x15x6
32x20x11
0.033
18x11x5
18x13.5x7.5
26.5x16x7
26.5x18.5x10
32x22x13
0.047
18x11x5
18x12x6
18x16x10
26.5x17x8.5
26.5x22x13
32x24.5x15
26.5x15x6
32x20x11
0.068
18x12x6
18x13.5x7.5
26.5x16x7
26.5x18.5x10
32x22x13
32x28x14
0.1
18x13.5x7.5
18x14.5x8.5
26.5x17x8.5
26.5x22x13
32x28x14
32x33x18
32x20x11
42.5x28x17
0.15
18x14.5x8.5
18x16x10
26.5x20x11
32x22x13
32x33x18
42.5x30x22
26.5x16x7
32x20x11
42.5x28x17
0.22
18x16x10
26.5x18.5x10
32x22x13
32x28x14
42.5x28x17
42.5x37x28
26.5x15x6
0.33
26.5x17x8.5
26.5x20x11
32x24.5x15
32x33x18
42.5x30x22
32x17x9
42.5x28x17
0.47
26.5x18.5x10
26.5x22x13
32x33x18
42.5x30x22
42.5x37x28
32x22x13
42.5x28x17
0.68
26.5x20x11
32x24.5x15
42.5x28x17
42.5x37x28
32x20x11
1
32x20x11
32x33x18
42.5x30x22
42.5x37x28
26.5x22x13
42.5x28x17
1.5
32x24.5x15
42.5x28x17
42.5x37x28
2.2
32x28x14
42.5x30x22
42.5x28x17
3.3
42.5x30x22
42.5x37x28
4.7
42.5x30x22
6.8
42.5x37x28
189


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn