Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

256MP250K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 256MP250K
Description  Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256MP250K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  256MP250K Datasheet HTML 1Page - Illinois Capacitor, Inc. 256MP250K Datasheet HTML 2Page - Illinois Capacitor, Inc. 256MP250K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MP
Metallized Polypropylene
Motor Run/AC Film
Capacitors In Boxes
±10% at 1kHz, 20°C
±5%, +10%/-5% optional
Capacitance Tolerance
-40°C to +85°C (UL P2, EN60252 VDE P0 class C)
-40°C to +105°C
Load Life
AC Voltage
VAC
Dissipation Factor
(tan d)
at 1kHz and 20°C
0.001 Max at 1 kHz and 20°C for safety mechanism capacitors
Dielectric Strength
Construction
Electrodes
Certification
Metallized Polypropylene film
Segmented Metallized Polypropylene film( safety Mechanism capacitors)
Vacuum deposited metal layers
Coating
UL E311560
Terminal to Terminal
250
350
400
450
500
600
Operating Temperature Range
Note VAC must be de-rated by 1.25% per °C exceeding 85°C
Insulation Resistance
@20°C (<70% RH)for 1 minute at
100VDC applied
160% VAC for 60 Seconds and 20°C applied
between terminals
(200% VAC for EN 60252-1)
Terminal to Case (EN60252-1)
3KV at 60Hz for 60 Seconds applied between
terminals and case
6000 hours for class A (30000 hours of continuous service life)
2000 hours for class B (10000 hours of continuous service life)
600 hours for class C (3000 hours of continuous service life)
Solvent resistant plastic case (UL 94V-0) with epoxy end fill ( UL 94V-0)
Additional mounting tabs styles and lead terminations available.
Contact Illinois Capacitor, Inc. for details.
2
3
4
5
1
Freq
1 kHz
C
≤2.2uF
.0006
2.2uF<C
≤15uF
.001
15uF<C
≤22uF
.0012
C>22uF
.0014
1000M
ΩxµF
125% of rated VAC at 85°C & 105°C
I Motor Run
I General Purpose AC
I UL/CSA 810 approved
I Motor Speed Controls
I Switching capacitor for industrial controls
SPECIFICATIONS
APPLICATIONS


Similar Part No. - 256MP250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256MPR250KP2 ILLINOISCAPACITOR-256MPR250KP2 Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
256MPR350KP ILLINOISCAPACITOR-256MPR350KP Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
256MPR400KP2 ILLINOISCAPACITOR-256MPR400KP2 Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
256MPR450KP2 ILLINOISCAPACITOR-256MPR450KP2 Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
256MPR500KP ILLINOISCAPACITOR-256MPR500KP Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
More results

Similar Description - 256MP250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
105MPR350KP ILLINOISCAPACITOR-105MPR350KP Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com