Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PHC850KG Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part No. 104PHC850KG
Description  Metallized Polypropylene Film Capacitors for Switching Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PHC850KG Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  104PHC850KG Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 3Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 4Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PHC
PHYSICAL DIMENSIONS
250
(160)
WVDC
(VAC)
µF
Metallized Polypropylene
Film Capacitors for
Switching Circuits
L max
35.0 MIN
35.0
MIN
d
D
max
Dd
≤14
0.8
14<D
≤23
1.0
>23
1.2
Convert to inches, divide by 25.4
DxL(mm)
400
(250)
600
(330)
700
(400)
850
(450)
330
(200)
22
30.5x46
31x59
37x59
33x55
39x55
25
32x46
33x59
39x59
35x55
41.5x55
30
29.5x59
36x59
31x55
38x55
33
31x59
37.5x59
32.5x55
39.5x55
35
38.5x59
41x55
40
33.5x59
41x59
36x55
50
37x59
40x55
60
40x59
205


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn