Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

104PHC850KG Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part No. 104PHC850KG
Description  Metallized Polypropylene Film Capacitors for Switching Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PHC850KG Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  104PHC850KG Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 3Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 4Page - Illinois Capacitor, Inc. 104PHC850KG Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
204
®
PHC
PHYSICAL DIMENSIONS
250
(160)
WVDC
(VAC)
µF
Metallized Polypropylene
Film Capacitors for
Switching Circuits
Convert to inches, divide by 25.4
DxL(mm)
400
(250)
600
(330)
700
(400)
850
(450)
330
(200)
0.1
11.5x29
0.15
12x34
13x29
0.22
11.5x34
13.5x34
12.5x29
15x29
0.33
12x29
13.5x34
16x34
15x29
17.5x29
0.47
11x29
12.5x34
15.5x34
18.5x34
13.5x29
17x29
0.68
11x29
12x34
14x34
17.5x34
18x46
13x29
16x29
21.5x34
1
11x29
12.5x29
13x34
17.5x34
18x46
21.5x46
15x29
21.5x34
26x34
1.2
20x46
24x34
1.5
13x29
13.5x34
15.5x34
20x34
21.5x46
25.5x46
15x29
17.5x29
2
12.5x34
15x34
17.5x34
20x46
24.5x46
29x46
14.5x29
16.5x29
25x34
2.2
13x34
15.5x34
18.5x34
21x46
25.5x46
25x59
15x29
17.5x29
24x34
26.5x55
30x46
2.5
14x34
16.5x34
19x34
22x46
27x46
26.5x59
15.5x29
28x55
32x46
3
15x34
18.5x34
21x34
24x46
29x46
29x59
17x29
30.5x55
34.5x46
3.3
15.5x34
19x34
19x46
25x46
30.5x46
30x59
22x34
32x55
4
17x34
20.5x34
20.5x46
27x46
27.5x59
33x59
24x34
29x55
35x55
33.5x46
4.7
18x34
19x46
22x46
24.5x59
29.5x59
33.5x59
22x34
26.5x55
31x55
37x55
29x46
5
18.5x34
19.5x46
22.5x46
25x59
30.5x59
36.5x59
22.5x34
27x55
32x55
38x55
29.5x46
5.6
40.5x55
6.8
21x34
22x46
26x46
28.5x59
35x59
41.5x59
30x55
38x55
8.2
38x59
41x55
10
24x34
26x46
26x59
33.5x59
41.5x55
27.5x46
27x55
35x55
31x46
12.5
37.5x59
42.9x55
15
25.5x46
26.5x59
33x55
39x57
28x55
41x59
37x46
20
22x29
30x59
35x59
31.5x55
37x55


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn