Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC5843 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HMC5843
Description  3-Axis Digital Compass IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC5843 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button HMC5843 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HMC5843 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
HMC5843
6
www.honeywell.com
SINGLE SUPPLY REFERENCE DESIGN
BASIC DEVICE OPERATION
Anisotropic Magneto-Resistive Sensors
The Honeywell HMC5843 magnetoresistive sensor circuit is a trio of sensors and application specific support circuits to
measure magnetic fields. With power supply applied, the sensor converts any incident magnetic field in the sensitive axis
directions to a differential voltage output. The magnetoresistive sensors are made of a nickel-iron (Permalloy) thin-film and
patterned as a resistive strip element. In the presence of a magnetic field, a change in the bridge resistive elements
causes a corresponding change in voltage across the bridge outputs.
These resistive elements are aligned together to have a common sensitive axis (indicated by arrows on the pinouts) that
will provide positive voltage change with magnetic fields increasing in the sensitive direction. Because the output only is in
proportion to the one-dimensional axis (the principle of anisotropy) and its magnitude, additional sensor bridges placed at
orthogonal directions permit accurate measurement of arbitrary field direction.
Self Test
An offset strap is designed for self test function. The offset strap measures nominally 13 ohms, and requires 10mA for
each gauss of induced field. The straps will easily handle currents to buck or boost fields through the ±4 gauss linear
measurement range, but designers should note the extreme thermal heating on the sensor die when doing so.


Similar Part No. - HMC5843

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC584LP5 HITTITE-HMC584LP5 Datasheet
324Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.5 - 13.9 GHz
HMC584LP5 HITTITE-HMC584LP5 Datasheet
535Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.5 - 13.9 GHz
logo
Analog Devices
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Hittite Microwave Corpo...
HMC584LP5E HITTITE-HMC584LP5E Datasheet
324Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.5 - 13.9 GHz
HMC584LP5E HITTITE-HMC584LP5E Datasheet
535Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.5 - 13.9 GHz
More results

Similar Description - HMC5843

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC5883L HONEYWELL-HMC5883L Datasheet
421Kb / 18P
   3-Axis Digital Compass IC
logo
MagnaChip Semiconductor...
MXG2320 MGCHIP-MXG2320 Datasheet
54Kb / 1P
   3-axis digital compass IC
MXG2321 MGCHIP-MXG2321 Datasheet
51Kb / 1P
   3-axis digital compass IC
logo
Honeywell Solid State E...
HMC5983 HONEYWELL-HMC5983 Datasheet
857Kb / 28P
   3-Axis Digital Compass IC
logo
Honeywell Accelerometer...
HMC5983-DEM HONEYWELL-ACC-HMC5983-DEM Datasheet
857Kb / 28P
   3-Axis Digital Compass IC
logo
MagnaChip Semiconductor...
MXG3300 MGCHIP-MXG3300 Datasheet
64Kb / 1P
   3-axis digital compass IC
logo
Honeywell Solid State E...
HMC6343 HONEYWELL-HMC6343 Datasheet
294Kb / 13P
   3-Axis Digital Compass Module
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com