Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3611M346 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX3611M346
Description  RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3611M346 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX3611M346 Datasheet HTML 1Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 2Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 3Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 4Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 5Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 6Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 7Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 8Page - Finisar Corporation. FTLX3611M346 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
F i n i s a r
Product Specification
RoHS-6 Compliant
10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M3xx
PRODUCT FEATURES
• Supports 9.95Gb/s to 11.1Gb/s
bit rates
• Hot-pluggable XFP footprint
• Maximum link length of 40km
• Temperature-stabilized DWDM-
rated EML transmitter
• RoHS-6 Compliant (lead-free)
• 100GHz ITU Grid, C Band
• Duplex LC connector
• Power dissipation <3.5W
• Built-in digital diagnostic functions
• Temperature range: -5°C to 70°C
APPLICATIONS
• DWDM Networks
• SONET OC-192 IR-2
SDH STM S-64.2b
• OC-192/STM-64 with FEC
• 10GBASE-ER/EW
• 40km 10G Fibre Channel
• 10GBASE-ER/EW with FEC
Finisar’s 40km FTLX3611M3xx Small Form Factor 10Gb/s (XFP) transceivers comply
with the current XFP Multi-Source Agreement (MSA) Specification
1. They comply with
SONET OC-192 IR-2 and SDH STM S-64.2b, as well as with 10-Gigabit Ethernet
10GBASE-ER/EW per IEEE 802.3ae and 10-Gigabit Fibre Channel. Digital diagnostics
functions are available via a 2-wire serial interface, as specified in the XFP MSA. The
transceiver is RoHS compliant and lead free per Directive 2002/95/EC
3, and Finisar
Application Note AN-2038
4.
PRODUCT SELECTION
FTLX3611M3xx
xx: 100GHz ITU Grid wavelength (see next page)
© Finisar Corporation 7-February-2008
Rev B2
Page 1


Similar Part No. - FTLX3611M346

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M346 FINISAR-FTLX3611M346 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3611M346

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com