Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1527 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1527
Description  DEVELOPING A USB SMARTCARD READER WITH ST7SCR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1527 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1527 Datasheet HTML 1Page - STMicroelectronics AN1527 Datasheet HTML 2Page - STMicroelectronics AN1527 Datasheet HTML 3Page - STMicroelectronics AN1527 Datasheet HTML 4Page - STMicroelectronics AN1527 Datasheet HTML 5Page - STMicroelectronics AN1527 Datasheet HTML 6Page - STMicroelectronics AN1527 Datasheet HTML 7Page - STMicroelectronics AN1527 Datasheet HTML 8Page - STMicroelectronics AN1527 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AN1527/0702
1/14
AN1527
APPLICATION NOTE
DEVELOPING A USB
SMARTCARD READER WITH ST7SCR
by Microcontroller Division Applications
INTRODUCTION
This document describes a firmware implementation developed by STMicroelectronics for a
USB Smart Card Reader. This firmware is for the ST7SCR microcontroller and can be used
with the associated Smart Card Reader board available from STMicroelectronics.
It is divided into 4 parts:
– Universal Serial Bus (USB) management: This is the USB library which manages the USB
hardware.
– Chip Card Interface Device (CCID) implementation: This contains high level functions for us-
ing the USB in compliance with CCID specifications (messages for Bulk-in, Bulk-out, inter-
rupt and class requests)
– Interface Device (IFD) implementation: This contains high level functions for ISO 7816 spec-
ification implementation and the smartcard-specific command interpreter.
– 7816 UART Smartcard Interface (CRD) management: This contains low level functions for
the hardware management of the 7816 UART Smartcard Interface (CRD).
The main loop polls USB transactions (functions in Ccid_usb.c) using a state machine
process:
– USB_Polling() function from library for USB low level and endpoint 0 management.
– Receive USB Bulk-out message (CCID part).
– Execute the function corresponding to the Bulk-out message (IFD part).
– Send USB interrupt in message (CCID part) if necessary.
– Send USB Bulk-in response (CCID part).
The Bulk-out/in messages are managed by a state machine. When the Bulk-out message re-
ception is completed, the message function is executed and returns only after the completion
of the action to be done in the IFD part. As this may take several 10 ms (e.g. ATR reading), the
response is sent to the host by Bulk-in message. The Bulk-in/out messages are received in
several transactions with a single transaction at every main loop if the USB endpoint is avail-
able.
If there are any interrupt messages, they are sent just before the Bulk-in message is sent.
Specific CCID class requests are managed by the setup management function in the USB li-
brary (USER_USB_setup() function).
1


Similar Part No. - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1523 STMICROELECTRONICS-AN1523 Datasheet
382Kb / 24P
   11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
   Smartcard connector for testing with a smartcard
April 2014 Rev 2
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
   Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
   Full-speed USB MCU with smartcard interface
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
SparkFun Electronics
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
   SparkFun RFID USB Reader
6??0??7
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com