Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6135A2RTER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6135A2RTER
Description  DIRECTPATH??Stereo Headphone Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6135A2RTER Datasheet(HTML) 5 Page - Texas Instruments

  TPA6135A2RTER Datasheet HTML 1Page - Texas Instruments TPA6135A2RTER Datasheet HTML 2Page - Texas Instruments TPA6135A2RTER Datasheet HTML 3Page - Texas Instruments TPA6135A2RTER Datasheet HTML 4Page - Texas Instruments TPA6135A2RTER Datasheet HTML 5Page - Texas Instruments TPA6135A2RTER Datasheet HTML 6Page - Texas Instruments TPA6135A2RTER Datasheet HTML 7Page - Texas Instruments TPA6135A2RTER Datasheet HTML 8Page - Texas Instruments TPA6135A2RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPA6135A2
www.ti.com .................................................................................................................................................. SLOS623A – FEBRUARY 2009 – REVISED APRIL 2009
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR (1)
POWER RATING
POWER RATING
POWER RATING
RTE (QFN)
2567 mW
48.7 °C/W
1643 mW
1335 mW
(1)
See JEDEC Standard 51-3 for Low-K board, JEDEC Standard 51-7 for High-K board, and JEDEC Standard 51-12 for using package
thermal information. See JEDEC document page for downloadable copies: http://www.jedec.org/download/default.cfm.
MIN
MAX
UNIT
Supply voltage, VDD
2.3
5.5
V
VIH
High-level input voltage; EN, GAIN, HI-Z
1.3
V
VIL
Low-level input voltage; EN, GAIN, HI-Z
0.6
V
Voltage applied to Output; OUTR, OUTL (when EN = 0 V)
–0.3
3.6
V
Voltage applied to Output; OUTR, OUTL (when EN
≥ 1.3 V and HI-Z ≥ 1.3 V)
–1.8
1.8
V
TA
Operating free-air temperature
–40
85
°C
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage
–0.5
0.5
mV
Power supply rejection ratio
VDD = 2.3 V to 5.5 V
100
dB
High-level intput current (EN, HI-Z, GAIN)
1
µA
Low-level intput current (EN, HI-Z, GAIN)
1
µA
VDD = 2.3 V, No load, EN = VDD, HI-Z = 0 V
2.1
2.8
VDD = 3.6 V, No load, EN = VDD, HI-Z = 0 V
2.1
2.8
Supply Current
mA
VDD = 5.5 V, No load, EN = VDD, HI-Z = 0 V
2.2
2.9
VDD = 2.3 to 5.5 V, No load, EN = HI-Z = VDD
0.7
1
Shutdown Supply Current
EN = 0 V, VDD = 2.3 V to 5.5 V
0.7
1.2
µA
Copyright © 2009, Texas Instruments Incorporated
5
Product Folder Link(s) :TPA6135A2


Similar Part No. - TPA6135A2RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - TPA6135A2RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com