Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWX-1600AH Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FWX-1600AH
Description  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWX-1600AH Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FWX-1600AH Datasheet HTML 1Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 2Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 3Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 4Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 5Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 6Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 7Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 8Page - Cooper Bussmann, Inc. FWX-1600AH Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
For other power factor
values, the total clearing
integral can be calculat-
ed as a multiple of the
clearing integrals, the
correction factor K and
the correction factor X.
Arc Voltage
This curve gives the
peak arc voltage, UL,
which may appear
across the fuse during its
operation as a function
of the applied working
voltage, Eg, (rms) at a
power factor of 15%.
Power Losses
Watts loss at rated cur-
rent is given in the electri-
cal characteristics. The
curve allows the calcula-
tion of the power losses
at load currents lower
than the rated current .
The correction factor, Kp ,
is given as a function of
the RMS load current, Ib ,
in % of the rated current .
Cut-Off Current
A fuse operation relating to short-circuits only. When a fuse
operates in its current-limiting range, it will clear a short-cir-
cuit in less than 12 cycle. Also, it will limit the instantaneous
peak let-through current to a value substantially less than
that obtainable in the same circuit if that fuse were replaced
with a solid conductor of equal impedance.
A asymmetrical current
B symmetrical current
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
88
High Speed Fuses
Prospective Current in Amperes RMS
10
2 ≈ 10
2
2
10
3
10
4
10
5
10
3
10
4
10
5
10
6
A
B
General applications
Rated Voltage
The ac voltage rating of Cooper Bussmann® fuses is given in
volts rms. Fuses tested to IEC are tested at 10% above their
rated voltage. British Style BS 88 fuses are tested at 5%
above its rated voltage. UL recognition tests are performed at
the rated voltage.
Rated Current
Rated current is given in amperes rms. Cooper Bussmann
fuses can continuously carry the rated current.
Melting Characteristic
The melting char-
acteristic shows
the virtual melting
time in seconds as
a function of the
prospective current
in amperes rms.
The fuses are spe-
cially constructed
for short-circuit pro-
tection against high
level fault currents.
Loading and opera-
tion of the fuse in
the non-continu-
ous/dashed section
of the melt curve
must be avoided.
The curve can also
be read as the real
melting time as a
function of the
RMS value of the
pre-arc current.
Clearing Integrals
The total clearing I2t at
rated voltage and at
power factor of 15% are
given in the electrical
characteristics. For
other voltages, the
clearing I2t is found by
multiplying by correction
factor, K, given as a
function of applied work-
ing voltage, Eg, (rms).
10
4
10
3
10
2
10
1
2
24
6
8
2
10
2
24
6
8 10
3
2
4
6
2
6
4
10
0
2
6
4
10
1
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
Prospective Current In Amperes RMS
10
–4
10
–3
10
–2
10
–1
K
1.5
1.0
0.5
0.4
0.3
0.2
100 200 300 400 500 600 660
E
g
1.0
0.9
0.8
0.7
0.1
0.2
0.3
0.4
0.5
COS
X
U
L
1.4
1.2
103
6
8
7
9
5
4
3
200 300
400
500
600 660
Eg
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b


Similar Part No. - FWX-1600AH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWX-1600AH COOPER-FWX-1600AH Datasheet
35Kb / 2P
   1000-2500A, 250 Volts
More results

Similar Description - FWX-1600AH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com