Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1424BTD Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLF1424BTD
Description  4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1424BTD Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLF1424BTD Datasheet HTML 1Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 2Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 3Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 4Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 5Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 6Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 7Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 8Page - Finisar Corporation. FTLF1424BTD Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FTLF1424P2xTR and FTLF1424P2xTD SFP Product Specification – August 2006
F i n i s a r
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.5
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TOP
-40
85
°C
Relative Humidity
RH
0
85
%
1
III.
Electrical Characteristics (TOP = -40 to 85 °C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.00
3.60
V
Supply Current
Icc
200
300
mA
Transmitter
Input differential impedance
Rin
100
Ω
2
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
3
Transmit Disable Assert Time
10
us
Receiver
Single ended data output swing
Vout,pp
250
400
800
mV
4
Data output rise/fall time < 4.25 Gb/s
tr, tf
175
ps
5
Data output rise/fall time = 4.25 Gb/s
tr, tf
120
ps
5
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
6
LOS Normal
VLOS norm
Vee
Vee+0.5
V
6
Power Supply Rejection
PSR
100
mVpp
7
Deterministic Jitter Contribution
< 4.25 Gb/s
RX
Δ DJ
51.7
ps
8
Total Jitter Contribution < 4.25 Gb/s
RX
Δ TJ
122.4
ps
Deterministic Jitter Contribution
= 4.25 Gb/s
RX
Δ DJ
25.9
ps
8
Total Jitter Contribution = 4.25 Gb/s
RX
Δ TJ
61.2
ps
Notes:
1.
Non-condensing.
2.
AC coupled.
3.
Or open circuit.
4.
Into 100 ohm differential termination.
5.
20 – 80 %
6.
LOS is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
7.
All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to 1.5
MHz up to specified value applied through the power supply filtering network shown on page 23 of the
Small Form-factor Pluggable (SFP) Transceiver MultiSource Agreement (MSA)
1, September 14, 2000.
The Power Supply Rejection applies for a supply voltage range of 3.1 to 3.6 V.
8.
Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ
and
DJ.
Δ
© Finisar Corporation August 31, 2006 Rev B
Page 3


Similar Part No. - FTLF1424BTD

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1424P2BCD FINISAR-FTLF1424P2BCD Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2BCL FINISAR-FTLF1424P2BCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2BCL FINISAR-FTLF1424P2BCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2BCR FINISAR-FTLF1424P2BCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2BCV FINISAR-FTLF1424P2BCV Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results

Similar Description - FTLF1424BTD

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2TL FINISAR-FTLF1324P2TL Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2XTY FINISAR-FTLF1324P2XTY Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WTR FINISAR-FTLF1424P2WTR Datasheet
762Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1328P2BNV FINISAR-FTLF1328P2BNV Datasheet
718Kb / 10P
   8 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com