Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C518 Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # C518
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C518 Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button C518 Datasheet HTML 6Page - Cooper Bussmann, Inc. C518 Datasheet HTML 7Page - Cooper Bussmann, Inc. C518 Datasheet HTML 8Page - Cooper Bussmann, Inc. C518 Datasheet HTML 9Page - Cooper Bussmann, Inc. C518 Datasheet HTML 10Page - Cooper Bussmann, Inc. C518 Datasheet HTML 11Page - Cooper Bussmann, Inc. C518 Datasheet HTML 12Page - Cooper Bussmann, Inc. C518 Datasheet HTML 13Page - Cooper Bussmann, Inc. C518 Datasheet HTML 14Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
62
Electronic — PCB & Small Dimension Fuses
PC board fuseclips for 5mm diameter fuses
.031"
(.79mm)
.217"
(5.5mm)
.012"
(.3mm)
.177"
(4.5mm)
.319"
(8.1mm)
.61"
(15.5mm)
.929"
(23.6mm)
.50"
(12.7mm)
.50"
(12.7mm)
.50"
(12.7mm)
.157"
(3.99mm)
2.54mm
1.46mm
2.29mm
4.32mm
8.73mm
3.91mm
2.85mm
6.26mm
6.22mm
2.54mm
2.54mm
.180"
(4.57mm)
.230"
(5.84mm)
HTC-210M
PCB Mounted Fuseclip with End Stops
Data Sheet: 2110
HTC-15M, HTC-140M
PCB Mounted Fuse Holder & Snap-On Cover
Voltage Rating: 250V, 6.3A, 1.6W
HTC-15M (fuse holder), HTC-140M (natural cover),
HTC-150M* (transparent cover)
*Available in bulk only. Use this format: BK/HTC-150M
Data Sheet: 2110
HTC-200M
PCB Mounted Fuseclip
Construction: Tin-plated bronze
Tape and Fan Fold packed
Ammo Pack (AP/HTC-200M) 1000 pieces per box
Data Sheet: 2110
1A3399 Series
PCB Fuseclips with End Stops & Straight Leads
Catalog Numbers
Clip Material*
Finish
1A3399-01
Beryllium copper*
Silver
1A3399-04
Beryllium copper*
Bright tin
1A3399-10
Spring bronze
Bright tin
*Beryllium copper recommended for amps higher than 15 amps (14” clips).
Data Sheet: 2131
1A5601 Series
PCB Fuseclips (0-7A)
Catalog Number
Clip Material
Finish
1A5601
Cartridge brass
Bright tin
Data Sheet: 2131
1A5602 Series
PCB Fuseclips (0-7A)
Catalog Number
Clip Material
Finish
1A5602
Cartridge brass
Bright tin
Data Sheet: 2131
1A5018 Series
PCB High Profile Fuseclips with End Stops & Straight Leads
Catalog Numbers
Clip Material*
Finish
1A5018-7
Spring bronze
Silver
1A5018-10
Spring bronze
Bright tin
*Beryllium copper recommended for amps higher than 15 amps (14” clips).
Data Sheet: 2131
.115"
(2.9mm)
.062"
(1.6mm)
.254"
(6.5mm)
.237"
(6.0mm)
.125"
(3.2mm)
.225"
(5.7mm)
.125"
(3.2mm)
.060"
(1.5mm)
.188"
(4.8mm)
.030"
(1.6mm)
.440"
(11.2mm)
.140"
(3.7mm)
.047"
(1.2mm)
.180"
(4.6mm)
.250"
(6.35mm)
.060"
(1.5mm)
.246"
(6.3mm)
.344" + .015"
(8.73mm + 0.38mm)
.266"
(6.75mm)
.344" + .015"
(8.73mm + 0.38mm)
.141" + .015"
(3.58mm + 0.38mm)
.022" + .002"
(0.56mm + 0.05mm)
.032" + .002"
(.81mm + .05mm)
.216"
(5.48mm)
LEGS TO FIT
IN .052" (1.3mm) DIA.
HOLES ON CENTER
.219"
(5.57mm)
.047"
(1.19mm)
.093"
(2.36mm)
.500"
(12.70mm)
.250"
(6.35mm)
.140"
(3.56mm)
HTC-140M
Cover
1.047"
(26.6mm)
217"
.345"
(9.0mm)
.571"
(14.5mm)
.866"
(22.0mm)
.217"
(5.5mm)
.177"
(4.5mm)
.890"
(22.60mm)
Mounting Holes
.059" + .002" Dia. (Typ.)
_
(1.50 + .05mm)
_
.531"
(13.5mm)


Similar Part No. - C518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C518 ETC2-C518 Datasheet
239Kb / 1P
   PCI-based Serial Communications Cards
logo
Eaton All Rights Reserv...
C518 EATON-C518 Datasheet
310Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C518-1.5-R COOPER-C518-1.5-R Datasheet
234Kb / 2P
   5 x 15mm Fast-Acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
C518-1.5-R EATON-C518-1.5-R Datasheet
310Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
   5 x 15mm Fast-Acting Glass Tube Fuses
More results

Similar Description - C518

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com