Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # C515
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C515 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  C515 Datasheet HTML 1Page - Cooper Bussmann, Inc. C515 Datasheet HTML 2Page - Cooper Bussmann, Inc. C515 Datasheet HTML 3Page - Cooper Bussmann, Inc. C515 Datasheet HTML 4Page - Cooper Bussmann, Inc. C515 Datasheet HTML 5Page - Cooper Bussmann, Inc. C515 Datasheet HTML 6Page - Cooper Bussmann, Inc. C515 Datasheet HTML 7Page - Cooper Bussmann, Inc. C515 Datasheet HTML 8Page - Cooper Bussmann, Inc. C515 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
53
Electronic fuses
Section Contents
Page
5 x 15mm ferrule fuses . ..................... 54
5 x 20mm European (IEC) ferrule fuses .........
55
5 x 20mm North American (UL) ferrule fuses .....
56
1
4˝ Dia. x 58˝ to 1˝ length ferrule fuses ...........
57
1
4˝ Dia. x 114˝ length fast-acting ferrule fuses ......
58
1
4˝ Dia. x 114˝ length time-delay ferrule fuses ......
59
PCB mount fuse holders ................... 60-61
PCB fuseclips for 5mm dia. fuses .............. 62
PCB fuseclips for 14˝ dia. fuses ................
63
PCB fuseclips for 1332˝ dia. and ATC
® fuses .......
64
PCB fuseclips for 14˝, 932˝, 1332˝ & 916˝ fuses ........
65


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com