Electronic Components Datasheet Search |
|
226MHBA03K4J Datasheet(PDF) 1 Page - Illinois Capacitor, Inc. |
|
226MHBA03K4J Datasheet(HTML) 1 Page - Illinois Capacitor, Inc. |
1 / 7 page >30,000M Ω x µF not to exceed 30,000M Ω 3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com ® MHB Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes 370 500 600 700 800 470 625 750 875 1200 160 250 330 380 380 WVDC SVDC VAC Surge/AC Voltage Freq (kHz) C ≤5µF 5µF<C ≤30µF C>30µF 1 .05% .08% .1% -40˚C to +85˚C (+100°C observing voltage and current de-rating) For T>+85°C the rated voltage must be de-rated by 1.25%/°C Terminal to Terminal Dissipation Factor (max) at 1kHz,25°C <1nH/mm of body length and lead wire length. >100,000 hours for WVDC,30000 hours for VAC at 70°C 300/1x10 9 component hours <1% after 2 years at standard enviromental conditions Double metallized film with polypropylene film and internal series connections Flame retardant plastic box with epoxy end fill (UL94V-O) Lead free tinned copper leads (RoHS compliant) 160% of VDC applied for 10 seconds and 25°C 3 KVAC applied for 60 seconds at 25°C Dielectric Strength Life Expectancy Failure quota Long term Stability Construction Coating Lead terminations Terminal to Case Operating Temperature Range Capacitance Tolerance ±10% at 1kHz, 25˚C ±5% optional Insulation Resistance @20˚C(<70% RH) for 1 minute at 100VDC applied Self inductance s High Current s High Voltage s Multiple Lead Styles (2,4, lugs) s Small Size FEATURES s Motor Speed Control s Switching Power Supplies s Induction Heaters s Resonant Circuits APPLICATIONS SPECIFICATIONS |
Similar Part No. - 226MHBA03K4J |
|
Similar Description - 226MHBA03K4J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |