Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

478LMU050M2EC Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 478LMU050M2EC
Description  105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

478LMU050M2EC Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  478LMU050M2EC Datasheet HTML 1Page - Illinois Capacitor, Inc. 478LMU050M2EC Datasheet HTML 2Page - Illinois Capacitor, Inc. 478LMU050M2EC Datasheet HTML 3Page - Illinois Capacitor, Inc. 478LMU050M2EC Datasheet HTML 4Page - Illinois Capacitor, Inc. 478LMU050M2EC Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
10
16
25
35
50
63
80
100
160
180
200
250
350
400
450
(13)
(20)
(32)
(44)
(63)
(79)
(100)
(125)
(200)
(220)
(250)
(300)
(400)
(450)
(500)
47
22x25
68
22x25
22x25
22x30
25x25
100
22x20
22x30
22x30
22x40
25x25
22x35
25x30
25x25
30x25
25x30
30x25
150
22x25
22x35
22x40
25x40
25x30
25x35
30x30
30x25
30x25
35x25
220
22x25
22x30
22x50
25x45
25x50
25x25
25x40
30x35
30x40
30x30
35x30
35x30
35x25
40x25
330
22x25
25x25
22x35
25x50
30x45
30x50
22x40
30x40
35x35
35x40
25x30
35x30
35x40
40x35
30x25
35x35
40x30
40x30
470
22x35
22x40
22x50
35x40
35x45
35x50
25x25
25x30
25x40
40x35
35x50
40x40
25x35
30x30
30x25
30x35
35x25
560
22x45
25x45
35x45
35x50
25x35
30x35
25x40
35x25
680
25x25
25x35
22x50
25x50
30x25
25x40
30x35
30x30
30x40
30x35
30x45
35x30
820
25x45
30x45
30x35
35x35
30x40
35x40
35x30
1,000
22x30
22x40
25x45
25x50
35x40
25x25
25x30
30x35
30x40
35x45
30x25
35x30
30x45
35x35
1,200
30x45
35x45
30x50
35x35
35x45
1,500
25x25
30x25
35x25
35x35
35x45
35x50
35x50
1,800
35x50
2,200
22x30
25x30
30x35
30x40
35x50
25x25
30x25
35x25
35x35
40x30
3,300
22x30
22x35
30x30
35x35
35x45
25x25
25x30
35x25
40x35
30x25
4,700
22x30
22x35
22x50
30x40
35x45
25x25
25x40
35x30
30x30
35x25
6,800
22x25
22x35
22x45
30x40
35x40
25x25
25x35
35x30
30x25
40x25
10,000
22x35
25x40
25x45
30x50
35x50
25x25
30x30
30x35
35x40
40x40
35x25
35x30
40x35
15,000
25x25
25x35
30x40
30x45
30x30
35x30
35x35
35x25
22,000
25x35
30x35
35x35
35x45
35x30
33,000
30x35
35x35
35x50
39,000
35x30
35x40
47,000
35x35
35x45
LMU
+ 105°C Long Life
Snap-Mount Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC
(SV)
µF
DxL(mm)
Convert to inches, divide by 25.4.


Similar Part No. - 478LMU050M2EC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
478LMB016M2BC ILLINOISCAPACITOR-478LMB016M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
478LMB025M2AD ILLINOISCAPACITOR-478LMB025M2AD Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
478LMB025M2AD ILLINOISCAPACITOR-478LMB025M2AD Datasheet
131Kb / 1P
   SNAP-IN / SNAP MOUNT
478LMB025M2BC ILLINOISCAPACITOR-478LMB025M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
478LMB025M2BC ILLINOISCAPACITOR-478LMB025M2BC Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 478LMU050M2EC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com