Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS563BDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS563BDW
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS563BDW Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS563BDW Datasheet HTML 1Page - Texas Instruments SN74ALS563BDW Datasheet HTML 2Page - Texas Instruments SN74ALS563BDW Datasheet HTML 3Page - Texas Instruments SN74ALS563BDW Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FUNCTION TABLE
(each latch)
OUTPUT
Q
OC
CD
H
H
L
X
H
H
X
X
L
L
L
H
L
H
Z
Q0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OC
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
C
SN54ALS563A . . . J PACKAGE
SN74ALS563B . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2Q
3Q
4Q
5Q
6Q
3D
4D
5D
6D
7D
SN54ALS563A . . . FK PACKAGE
(TOP VIEW)
INPUTS
ENABLE
SN54ALS563A, SN74ALS563B
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SDAS163 – D2661, DECEMBER 1982 – REVISED JANUARY 1989
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1989, Texas Instruments Incorporated
1
3-State Buffer-Type Outputs Drive Bus-Lines
Directly
Bus Structured Pinout
Package Options include Plastic Small Outline
Package, Ceramic Chip Carriers and Standard
Plastic and Ceramic DIPs
Dependable Texas Instruments Quality and
Reliability
description
These 8-bit latches feature three-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The eight latches are transparent D-type latches.
While the enable (C) is high the Q outputs will
follow the complements of data (D) inputs. When
the enable is taken low the output will be latched
at the inverses of the levels that were set up at the
D inputs.
A buffered output-control input can be used to
place the eight outputs in either a normal logic
state
(high
or
low
logic
levels)
or
a
high-impedance state. In the high-impedance
state the outputs neither load nor drive the bus
lines significantly. The high-impedance state and
increased high-logic level provide the capability to
drive the bus lines in a bus-organized system
without need for interface or pull-up components.
The output control (OC) does not affect the
internal operation of the latches. Old data can be
retained or new data can be entered while the
outputs are in the high-impedance state.
The SN54ALS563A is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS563B is characterized for
operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS563BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS563BDW TI-SN74ALS563BDW Datasheet
82Kb / 5P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS563BDW TI1-SN74ALS563BDW Datasheet
1Mb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ALS563BDWR TI1-SN74ALS563BDWR Datasheet
1Mb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS563BDW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com