Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UF8.5 Datasheet(PDF) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part No. UF8.5
Description  UF cores and UI cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UF8.5 Datasheet(HTML) 2 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UF8.5 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UF8.5 Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-0.2
UF16A
16.0±0.4
10.0±0.2
6.0±0.2
6.7
4.57
6.0±0.15
UF19
19.7±0.5
18.25±0.25
5.9±0.2
7.4
6.0
12.2±0.2
UF20
19.7±0.3
17.7±0.2
6.0±0.2
7.4
6.0±0.2
11.7±0.2
UI25.4
25.5 +0.4
-0.3
16.25 +0.25
-0
6.25 +0.1
-0.15
12.4
6.45
10.0 +0.3
-0
6.25 +0.1
-0.05
UF30
30.0±0.6
12.1±0.3
3.2±0.2
17.0
6.2±0.3
6.1±0.3
UF30A
30.0±0.5
12.7±0.15
6.25±0.15
17.3
6.25
6.2 +0.25
-0
UF33
33.0±0.5
13.8±0.15
7.25 +0.2
-0.15
18.0
7.3
6.2 +0.25
-0
UI17
16.3±0.3
8.7±0.3
5.0±0.2
10.6
2.7±0.2
6.4 +0.3
-0.2
2.8±0.2
UI25
25.0±0.5
16.0±0.2
6.2±0.2
12.7
6.2±0.3
10.0±0.3
6.0±0.3
s
Core parameter
Al(nH/N²)
Type
C1
(mm-1)
Ae
(mm2)
Ie
(mm)
Ve
(mm3)
weight (g/pr.)
F5(±25%)
F7(±25%)
F10(±25%)
UF8.5
4.05
7.76
31.4
243
1.2
675
830
1215
UF8.6
4.1
7.8
32.2
251.9
1.3
960
1500
UF9.8
4.3
8.1
34.33
275.9
1.4
1300
1500
1800
UF9.8A
4.46
7.60
34.2
262
1.3
755
885
1095
UF10.1
4.15
8.6
35.7
307
1.5
1005
1100
UF10.5
3.25
12.7
39.9
506.1
2.8
1500
1800
2200
UF10.5A
3.2
12.5
40.1
501
2.5
930
1160
1685
UF12
2.65
15.6
41.3
645
3.2
1200
1420
UF15A
1.71
30.5
52.3
1600
8.0
1840
2380
UF15.7
2.01
24.8
50
1240
6.5
2600
2600
3250
UF16
1.97
27.2
51.9
1412.6
7.4
2600
3300
4000
UF16A
1.97
25.9
51.0
1320
6.9
1610
2075
2700
UF19
2.29
35.3
81.0
2860
15
1590
2080
UF20
2.25
36.0
81.0
2916
15
2100
2750
3800
UI25.4
1.65
38.9
64.3
2500
19
2600
UF30
2.04
38.3
77.9
2985.9
15.3
3080
4300
6150
UF30A
2.06
39.1
80.4
3140
17
2800
UF33
1.59
53.7
85.7
4600
23
3000
UI17
2.58
14.0
36.1
505.4
2.6
1500
UI25
1.68
38.9
65.5
2551
12.8
2500
AL:1kHz,0.5mA,100Ts
Copyright 2005 YUXIANG Magnetic Materials Ind. Co.,Ltd.All Rights Reserved.
Add:16F1,jinyuan building,NO.57,hubin S.Rd.,Xiamen,China.361004
Tel : (86)592 2225286 (86)592 2219816 (86)592 2217138 Fax: (86)592 2207122
Email : magnetcom@gmail.com sales@magnet-tech.com


Similar Part No. - UF8.5

ManufacturerPart No.DatasheetDescription
Yea Shin Technology Co., Ltd
Yea Shin Technology Co....
UF80 YEASHIN-UF80 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
Pan Jit International Inc.
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
71Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
Won-Top Electronics
Won-Top Electronics
UF800 WTE-UF800 Datasheet
47Kb / 3P
   8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800 WTE-UF800 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
Pan Jit International Inc.
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
More results

Similar Description - UF8.5

ManufacturerPart No.DatasheetDescription
PREMO CORPORATION S.L
PREMO CORPORATION S.L
LF1922-752 PREMO-LF1922-752 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
YUXIANG Magnetc materials Ind. Co., Ltd.
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
   EER CORES. ETD CORES
List of Unclassifed Manufacturers
List of Unclassifed Man...
CLA-E30 ETC1-CLA-E30 Datasheet
113Kb / 8P
   E CORES AND ACCESSORIES
Ferroxcube International Holding B.V.
Ferroxcube Internationa...
CP-E47-1S FERROXCUBE-CP-E47-1S Datasheet
33Kb / 1P
   E cores and accessories
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CP-EC52-1S FERROXCUBE-CP-EC52-1S Datasheet
27Kb / 1P
   EC cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E16-1S-6P-Z FERROXCUBE-CPH-E16-1S-6P-Z Datasheet
22Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz