Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UF8.5 Datasheet(PDF) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part No. UF8.5
Description  UF cores and UI cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UF8.5 Datasheet(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UF8.5 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UF8.5 Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF & UI Core
Features of UF cores and UI cores
UF-core and UI-core, these Soft ferrite shapes are available in lamination materials (for stacking), powdered
material (typically powdered iron), and ferrite materials. In laminated form, features of UF cores and UI cores are
similar to that of the "C" core, and can take full advantage of grain orientation while their laminated counterparts
only take about 60% to 80%. UF cores and UI cores possess excellent heat dissipation, and there is lots of room
available for lead wires, but self-shielding is poor. UF core, UI core and other “U” cores have two core legs. Coils
can be placed over either or both legs. Using coils on separate legs is great for high voltage isolation between coils.
The mean turn length of two coils on separate legs (sharing the whole winding window) is smaller than 1 coil on one
leg (occupying the whole winding window), hence the two coils connected in series has less winding resistance.
Application of UF core and UI core:
The U series core features wide distributing permeability and can be chosen and matched according to filter's
frequency. As a power ferrite, it is a good choice using in fields of ignitor and energy-saving products. UF core and
UI core may be used as “split-core” current transformers, output transformer core, line transformer core, and
Inverter core. UF core is mainly application with line filters in color TV sets; UI core: Line filters, Inverter
transformers
Dimensions (mm)
Type
A
B
C
Dmin
E
F
I
UF8.5
8.5±0.2
6.4±0.2
3.45±0.15
3.8
2.3
4.15±0.15
UF8.6
8.6±0.2
6.45±0.2
3.6±0.2
4.0
2.2±0.15
4.2±0.2
UF9.8
9.8±0.3
7.1±0.2
2.9±0.2
4.1
2.9±0.2
4.3±0.2
UF9.8A
9.8±0.3
7.1±0.2
2.7±0.2
4.1
2.8
4.25±0.2
UF10.1
10.1±0.3
7.5±0.25
2.9±0.2
3.9
2.95±0.15
4.5±0.25
UF10.5
10.5±0.3
7.8±0.4
5.0±0.2
5.2
2.4±0.2
5.3±0.3
UF10.5A
10.5±0.4
7.8±0.3
5.0±0.2
5.2
2.5
5.25±0.25
UF12
12.0±0.3
9.2±0.3
3.95±0.15
4.1
3.85
5.05±0.15
UF15A
15.0±0.3
11.4±0.3
6.4±0.2
5.4
4.7
6.5±0.2
UF15.7
15.7±0.6
9.7±0.25
6.0±0.3
6.3
4.5±0.2
6.0±0.3
UF16
16.0 +0.4
10.0±0.3
6.0±0.2
6.7
4.6±0.2
6.0±0.3


Similar Part No. - UF8.5

ManufacturerPart No.DatasheetDescription
Yea Shin Technology Co., Ltd
Yea Shin Technology Co....
UF80 YEASHIN-UF80 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
Pan Jit International Inc.
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
71Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
Won-Top Electronics
Won-Top Electronics
UF800 WTE-UF800 Datasheet
47Kb / 3P
   8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800 WTE-UF800 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
Pan Jit International Inc.
Pan Jit International I...
UF800 PANJIT-UF800 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
More results

Similar Description - UF8.5

ManufacturerPart No.DatasheetDescription
PREMO CORPORATION S.L
PREMO CORPORATION S.L
LF1922-752 PREMO-LF1922-752 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
YUXIANG Magnetc materials Ind. Co., Ltd.
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
   EER CORES. ETD CORES
List of Unclassifed Manufacturers
List of Unclassifed Man...
CLA-E30 ETC1-CLA-E30 Datasheet
113Kb / 8P
   E CORES AND ACCESSORIES
Ferroxcube International Holding B.V.
Ferroxcube Internationa...
CP-E47-1S FERROXCUBE-CP-E47-1S Datasheet
33Kb / 1P
   E cores and accessories
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CP-EC52-1S FERROXCUBE-CP-EC52-1S Datasheet
27Kb / 1P
   EC cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E16-1S-6P-Z FERROXCUBE-CPH-E16-1S-6P-Z Datasheet
22Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz