Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS257N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS257N
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS257N Datasheet(HTML) 6 Page - Texas Instruments

  SN74AS257N Datasheet HTML 1Page - Texas Instruments SN74AS257N Datasheet HTML 2Page - Texas Instruments SN74AS257N Datasheet HTML 3Page - Texas Instruments SN74AS257N Datasheet HTML 4Page - Texas Instruments SN74AS257N Datasheet HTML 5Page - Texas Instruments SN74AS257N Datasheet HTML 6Page - Texas Instruments SN74AS257N Datasheet HTML 7Page - Texas Instruments SN74AS257N Datasheet HTML 8Page - Texas Instruments SN74AS257N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN54ALS257A, SN54ALS258A, SN74ALS257A, SN74ALS258A, SN74AS257, SN74AS258
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SDAS124C – APRIL 1982 – REVISED AUGUST 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74AS257
SN74AS258
UNIT
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = –2 mA
VCC –2
V
VOH
VCC = 4.5 V,
IOH = –15 mA
2.4
3.2
V
VOL
VCC = 4.5 V,
IOL = 48 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–50
µA
II
A, B, or OE
VCC =5 5V
VI =7V
0.1
mA
II
A/B
VCC = 5.5 V,
VI = 7 V
0.2
mA
IIH
A, B, or OE
VCC =5 5V
VI =2 7V
20
µA
IIH
A/B
VCC = 5.5 V,
VI = 2.7 V
40
µA
IIL
A, B, or OE
VCC =5 5V
VI =0 4V
–0.5
mA
IIL
A/B
VCC = 5.5 V,
VI = 0.4 V
–1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
Outputs high
12.1
19.7
SN74AS257
VCC = 5.5 V
Outputs low
19
30.6
ICC
Outputs disabled
19.7
31.9
mA
ICC
Outputs high
8.4
13.5
mA
SN74AS258
VCC = 5.5 V
Outputs low
15.2
24.6
Outputs disabled
15.5
25.2
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74AS257N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS257N TI1-SN74AS257N Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS257NSR TI1-SN74AS257NSR Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS257N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257_06 Datasheet
471Kb / 17P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
539Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
SN54AHC257 TI-SN54AHC257 Datasheet
136Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com