Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476KFM350MRU Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 476KFM350MRU
Description  105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476KFM350MRU Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  476KFM350MRU Datasheet HTML 1Page - Illinois Capacitor, Inc. 476KFM350MRU Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
I Electronic Ballasts
I Switching Power Supplies
I High Voltage
I Long Life
I High Temperature
I RoHS Compliant
FEATURES
KFM
105°C 10,000 Hour
Radial Lead
Aluminum Electrolytic
Capacitors
SPECIFICATIONS
Capacitance Tolerance
-40°C to + 105°C (160 to 400WVDC)
-25°C to +105°C (450 WVDC)
±20% at 120Hz, 20°C
For Ballast applications and Switching power supplies
160
200
200
250
250
300
300
400
400
450
450
500
Surge Voltage
SVDC
WVDC
Leakage Current
Shelf Life
Load Life
tan
δ
WVDC
2 minutes
≤ 20% of initial measured value
≤ 200% of maximum specified value
<100% of specified value
Operating Temperature Range
160
.15
200
.15
250
.15
300
.24
400
.24
450
.24
Dissispation Factor
120Hz, 20°C
Low Temperature Stability
Impedance Ratio
(120 Hz)
Rated
WVDC
-25°C/ +20°C
-40°C/+20°C
160 to 250
3
4
350 to 400
6
6
450
6
-
Frequency (Hz)
10,000 hours (8000 hours D=10mm) with rated voltage and ripple current applied at 105°C
Capacitance change
Dissipation factor
Leakage current
1000 hours at 105°C with no voltage applied
Capacitance change
Dissipation factor
Leakage Current
≤ 20% of initial measured value
≤ 200% of maximum specified value
<100% of specified value
Ripple Current Multipliers
1K
0.8
120
0.5
10K
0.9
100K
1.0
+85
1.5
+95
1.25
+105
1.0
+75
1.65
+65
1.8
Temperature (°C)
D
10
12.5
16
18
S
5.0
5.0
7.5
7.5
d
0.6
0.6
0.8
0.8
-
+
PVC SLEEVE
d
S1
mm
D1
L1
L
L
19.0 MIN
15.0 MIN
LEAD Spacing vs. Case Diameter
.06CV+10uA
Time
L1=L+1.5 mm
D1=D+0.5mm
S1=S±0.5mm


Similar Part No. - 476KFM350MRU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476KFM350MRU ILLINOISCAPACITOR-476KFM350MRU Datasheet
222Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
476KFM350MRU ILLINOISCAPACITOR-476KFM350MRU Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
476KFM350MRU ILLINOISCAPACITOR-476KFM350MRU Datasheet
108Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 476KFM350MRU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KBM050M ILLINOISCAPACITOR-474KBM050M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com