Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

226CKS200MLQ Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 226CKS200MLQ
Description  85째C General Purpose Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226CKS200MLQ Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  226CKS200MLQ Datasheet HTML 1Page - Illinois Capacitor, Inc. 226CKS200MLQ Datasheet HTML 2Page - Illinois Capacitor, Inc. 226CKS200MLQ Datasheet HTML 3Page - Illinois Capacitor, Inc. 226CKS200MLQ Datasheet HTML 4Page - Illinois Capacitor, Inc. 226CKS200MLQ Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
42
®
CKR/CKS
+ 85°C General
Purpose Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
WVDC
Maximum
ESR
120Hz,+20°C
680
16
687CKR016M
0.390
596
10x16
680
35
687CKR035M
0.293
770
12.5x20
680
50
687CKR050M
0.244
810
12.5x25
1000
6.3
108CKS6R3M
0.398
580
8x11.5
1000
10
108CKS010M
0.332
650
10x12.5
1000
16
108CKS016MLN
0.332
700
10x12.5
1000
16
108CKS016M
0.332
785
10x16
1000
25
108CKS025MLQ
0.232
860
10x16
1000
25
108CKS025M
0.232
955
10x20
1000
25
108CKR025M
0.232
1050
12.5x20
1000
35
108CKS035M
0.199
1130
12.5x20
1000
35
108CKR035M
0.199
1300
12.5x25
1000
50
108CKS050M
0.166
1340
12.5x25
1000
50
108CKR050M
0.166
1310
16x25
1000
63
108CKS063M
0.166
1310
16x25
1000
63
108CKR063M
0.166
1460
16x31.5
1000
100
108CKS100MRY
0.133
1350
18x35.5
1000
100
108CKS100M
0.133
1930
18x40
1500
10
158CKS010M
0.243
897
10x16
1500
16
158CKS016M
0.199
1075
10x20
1500
25
158CKS025M
0.177
1340
12.5x20
1500
35
158CKS035M
0.155
1590
12.5x25
1500
35
158CKR035M
0.155
1110
16x25
1500
50
158CKS050M
0.133
1650
16x31.5
2200
6.3
228CKS6R3M
0.211
930
10x16
2200
10
228CKS010M
0.181
1140
10x20
2200
10
228CKS010MLQ
0.181
990
10x16
2200
16
228CKS016MLU
0.151
1000
10x21
2200
16
228CKS016M
0.151
1295
12.5x20
2200
25
228CKS025M
0.136
1510
12.5x25
2200
25
228CKR025M
0.136
1650
16x25
2200
35
228CKS035M
0.121
1785
16x25
2200
35
228CKR035M
0.121
1830
16x31.5
2200
50
228CKS050MQW
0.106
1980
16x31.5
2200
50
228CKS050M
0.106
2075
16x35.5
2200
50
228CKR050M
0.106
2210
18x35.5
2200
63
228CKS063M
0.106
2300
18x35.5
3300
6.3
338CKS6R3M
0.151
1250
10x20
3300
6.3
338CKR6R3M
0.151
1380
12.5x20
3300
10
338CKR010M
0.131
1560
12.5x25
3300
16
338CKS016M
0.111
1680
12.5x25
3300
16
338CKS016M
0.111
1830
16x25
3300
25
338CKS025M
0.100
1975
16x25
3300
35
338CKS035M
0.0904
2100
16x31.5
3300
35
338CKS035M
0.0904
1655
16x35.5
3300
35
338CKR035M
0.090
2330
18x35.5
3300
50
338CKS050M
0.080
2510
18x35.5
4700
6.3
478CKS6R3M
0.113
1545
12.5x20
4700
10
478CKS010M
0.099
1780
12.5x25
4700
10
478CKR010M
0.099
1770
16x25
4700
16
478CKS016M
0.085
2090
16x25
4700
25
478CKS025MQV
0.078
2200
16x25
4700
25
478CKS025M
0.078
2420
16x31.5
4700
25
478CKR025M
0.078
2430
18x35.5
4700
35
478CKS035MQY
0.071
2500
16x35.5
4700
35
478CKS035M
0.071
2700
18x35.5
6800
6.3
688CKS6R3M
0.088
1915
12.5x25
6800
10
688CKS010M
0.078
2220
16x25
6800
16
688CKS016MQY
0.068
2250
16x25
6800
16
688CKS016M
0.068
2520
16x35.5
6800
16
688CKR016M
0.068
2580
18x35.5
6800
25
688CKS025M
0.063
2600
16x35.5
6800
25
688CKS025M
0.063
2880
18x35.5
6800
35
688CKS035M
0.059
2800
18x40
10000
6.3
109CKS6R3M
0.066
2330
16x25
10000
10
109CKS010MQW
0.063
2550
16x31.5
10000
10
109CKS010M
0.063
2670
16x35.5
10000
16
109CKS016MQY
0.056
2710
16x35.5
10000
16
109CKS016M
0.056
2920
18x35.5
10000
25
109CKS025M
0.053
2800
18x40
15000
6.3
159CKS6R3MQW
0.057
2550
16x31.5
15000
6.3
159CKS6R3M
0.057
2845
16x35.5
15000
10
159CKS010MQY
0.053
2880
16x35.5
15000
10
159CKS010M
0.053
3080
18x35.5
15000
16
159CKS016M
0.053
3100
18x40
22000
6.3
229CKS6R3MRY
0.050
3200
18x35.5
22000
10
229CKS010M
0.048
3400
18x40
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
-
+
d
S1
L
L
19.0 MIN
15.0 MIN
L1=L + 1.5 mm Max.
D1=D+B Max.
S1=S±0.5 mm
L1
D1
NOTE: Case Vent is standard on all diameter
≥8.0mm
PVC SLEEVE
LEAD INFORMATION V.S. CASE DIAMETER
PLEASE NOTE:
The CKR and CKS Series
have been merged.
CHECK PART NUMBERS
CAREFULLY.


Similar Part No. - 226CKS200MLQ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226CKS200MLQ ILLINOISCAPACITOR-226CKS200MLQ Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
226CKS200MLQ ETC2-226CKS200MLQ Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
226CKS200MLQ ILLINOISCAPACITOR-226CKS200MLQ Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKS200MLQ ILLINOISCAPACITOR-226CKS200MLQ Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
226CKS200MLQ ILLINOISCAPACITOR-226CKS200MLQ Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 226CKS200MLQ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com