Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

556DCB700K4R Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 556DCB700K4R
Description  Radial Leaded Metallized Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

556DCB700K4R Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  556DCB700K4R Datasheet HTML 1Page - Illinois Capacitor, Inc. 556DCB700K4R Datasheet HTML 2Page - Illinois Capacitor, Inc. 556DCB700K4R Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
d
H
L
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
DCB
Radial Leaded Metallized
Polypropylene Capacitors
PHYSICAL DIMENSIONS
700
(875)
µF
WVDC
(SV)
Convert to inches, divide by 25.4
7.5
42.5x33.5x22
10
42.5x33.5x22
42.5x37x28
12
41.5x40x20
12.5
42.5x30x22
42.5x45x30
15
42.5x33.5x22
42.5x37x28
16
41.5x44x24
20
42.5x37x28
42.5x30x20
57.5x45x30
22
42.5x37x28
25
57.5x50x35
30
42.5x45x30
57.5x45x30
40
57.5x50x35
45
57.5x45x30
55
57.5x50x30
1100
(1375)
900
(1125)
LxHxT (mm)
2
L
H
Leads lengths
S±0.5
S ±0.4
d ±0.05
4 leaded capacitors: 5.5 mm +/-1.5 mm
2 leaded capacitors: 5.5 mm +/-1.0 mm (standard)
25 mm +/-5 mm (Optional)
T
LL
P±0.5
LL
T


Similar Part No. - 556DCB700K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
556DCB700K4R ILLINOISCAPACITOR-556DCB700K4R Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
556DCB700K4R ILLINOISCAPACITOR-556DCB700K4R Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 556DCB700K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com