Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227BPS035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 227BPS035M
Description  85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227BPS035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  227BPS035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227BPS035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227BPS035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
93
®
BPS
+ 85°C Non Polar
Radial Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
35
(44)
25
(32)
16
(20)
10
(13)
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
50
(63)
(µF)
63
(79)
100
(125)
5x11
5x11
5x11
5x11
5x11
6.3x11
5x11
6.3x11
5x11
5x11
6.3x11
5x11
6.3x11
6.3x11
8x11.5
5x11
6.3x11
8x11.5
8x11.5
10x16
5x11
6.3x11
8x11.5
10x12.5
12.5x20
5x11
6.3x11
8x11.5
10x12.5
10x16
12.5x20
6.3x11
8x11.5
10x16
10x20
12.5x20
16x25
8x11.5
10x12.5
10x16
12.5x20
12.5x25
16x25
18x35.5
10x16
12.5x20
16x25
16x31.5
18x35.5
10x16
10x20
12.5x20
12.5x25
16x31.5
18x35.5
18x42
12.5x20
12.5x25
16x25
16x31.5
16x25
16x31.5
18x35.5
16x31.5
18x35.5
18x35.5
Convert to inches, divide by 25.4
L1=L+2.0 mm Max.
D1=D+B Max.
S1=S±0.5 mm Max.
DxL(mm)
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
NOTE: Case Vent is standard on all diameter
≥8.0mm
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
WVDC
(SV)
LEAD INFORMATION VS. CASE DIAMETER
+
-


Similar Part No. - 227BPS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227BPS035M ILLINOISCAPACITOR-227BPS035M Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
227BPS035M ILLINOISCAPACITOR-227BPS035M Datasheet
231Kb / 2P
   Bi-Polar, 2000 hours
227BPS035M ILLINOISCAPACITOR-227BPS035M Datasheet
225Kb / 2P
   Small size ??Non/ Bi- Polar
227BPS035M ILLINOISCAPACITOR-227BPS035M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 227BPS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com