Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227BPS016M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 227BPS016M
Description  85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227BPS016M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  227BPS016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227BPS016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227BPS016M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
94
®
0.47
50
474BPS050M
564.379
5
0.47
100
474BPS100M
352.737
10
1.0
50
105BPS050M
265.258
10
1.0
100
105BPS100M
165.786
18
2.2
50
225BPS050M
120.572
23
2.2
100
225BPS100M
75.357
30
3.3
50
335BPS050M
80.381
28
3.3
100
335BPS100M
50.238
35
4.7
50
475BPS050M
56.438
35
4.7
63
475BPS063M
42.328
37
4.7
100
475BPS100M
35.274
44
10
35
106BPS035M
23.210
46
10
50
106BPS050M
26.526
54
10
63
106BPS063M
19.894
58
10
100
106BPS100M
16.579
72
22
16
226BPS016M
16.579
60
22
35
226BPS035M
10.550
75
22
50
226BPS050M
12.057
90
22
63
226BPS063M
9.043
96
22
100
226BPS100M
7.536
138
33
16
336BPS016M
11.052
72
33
25
336BPS025M
10.048
82
33
50
336BPS050M
8.038
108
33
63
336BPS063M
6.029
135
33
100
336BPS100M
5.024
200
47
10
476BPS010M
8.466
82
47
25
476BPS025M
7.055
95
47
35
476BPS035M
4.938
120
47
50
476BPS050M
5.644
155
47
63
476BPS063M
4.233
185
47
100
476BPS100M
3.527
245
100
10
107BPS010M
3.979
125
100
25
107BPS025M
3.316
160
100
35
107BPS035M
2.321
230
100
50
107BPS050M
2.653
270
100
63
107BPS063M
1.989
325
100
100
107BPS100M
1.658
430
220
10
227BPS010M
1.809
215
220
16
227BPS016M
1.658
263
220
25
227BPS025M
1.507
305
220
35
227BPS035M
1.055
418
220
50
227BPS050M
1.206
490
220
63
227BPS063M
0.904
575
220
100
227BPS100M
0.754
650
330
16
337BPS016M
1.105
358
330
35
337BPS035M
0.703
520
330
50
337BPS050M
0.804
660
330
63
337BPS063M
0.603
655
330
100
337BPS100M
0.502
790
470
10
477BPS010M
0.847
410
470
16
477BPS016M
0.776
465
470
25
477BPS025M
0.705
550
470
35
477BPS035M
0.494
665
470
50
477BPS050M
0.564
850
470
63
477BPS063M
0.423
965
470
100
477BPS100M
0.353
1030
1,000
10
108BPS010M
0.398
725
1,000
16
108BPS016M
0.365
825
1,000
25
108BPS025M
0.332
965
1,000
35
108BPS035M
0.232
1160
2200
10
228BPS010M
0.211
1280
2200
16
228BPS016M
0.196
1460
2200
25
228BPS025M
0.181
1620
3300
10
338BPS010M
0.151
1590
3300
16
338BPS016M
0.141
1890
4700
10
478BPS010M
0.113
1990
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+25°C
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+25°C
Capacitance
(µF)
BPS
+ 85°C Non-Polar
Radial Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
5x11
5x11
5x11
5x11
5x11
6.3x11
5x11
6.3x11
5x11
5x11
6.3x11
5x11
6.3x11
6.3x11
8x11.5
5x11
6.3x11
8x11.5
8x11.5
10x16
5x11
6.3x11
8x11.5
10x12.5
12.5x20
5x11
6.3x11
8x11.5
10x12.5
10x16
12.5x20
6.3x11
8x11.5
10x16
10x20
12.5x20
16x25
8x11.5
10x12.5
10x16
12.5x20
12.5x25
16x25
18x35.5
10x16
12.5x20
16x25
16x31.5
18x35.5
10x16
10x20
12.5x20
12.5x25
16x31.5
18x35.5
18x42
12.5x20
12.5x25
16x25
16x31.5
16x25
16x31.5
18x35.5
16x31.5
18x35.5
18x35.5


Similar Part No. - 227BPS016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227BPS016M ILLINOISCAPACITOR-227BPS016M Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
227BPS016M ILLINOISCAPACITOR-227BPS016M Datasheet
231Kb / 2P
   Bi-Polar, 2000 hours
227BPS016M ILLINOISCAPACITOR-227BPS016M Datasheet
225Kb / 2P
   Small size ??Non/ Bi- Polar
227BPS016M ILLINOISCAPACITOR-227BPS016M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 227BPS016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com