Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474CKR100M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 474CKR100M
Description  85째C General Purpose Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474CKR100M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  474CKR100M Datasheet HTML 1Page - Illinois Capacitor, Inc. 474CKR100M Datasheet HTML 2Page - Illinois Capacitor, Inc. 474CKR100M Datasheet HTML 3Page - Illinois Capacitor, Inc. 474CKR100M Datasheet HTML 4Page - Illinois Capacitor, Inc. 474CKR100M Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
38
®
Leakage Current
Operating Temperature Range
2 minutes
Load Life
I Lead Free Leads
I In Stock
SPECIFICATIONS
FEATURES
Capacitance Tolerance
±20% at 120Hz, 20°C
Time
Shelf Life
.03 CV or 4 µA,
whichever is greater
0.03CV + 40µA
1,000 hours at 85°C with no voltage applied.
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Surge
Voltage
SVDC
WVDC
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
4
3
2
2
2
2
2
23
33
6
6
15
86
4
3
3
3
3
3
6
6
6
6
6
-
WVDC
6.3 to 100 WVDC
160 to 450 WVDC
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30%
Ammo Pack
Cut, Formed, Cut and Formed Leads
Epoxy end sealed
Mylar sleeve
+85°C General Purpose
Aluminum Electrolytic
Capacitors
I Standardized Case Sizes
I Multiple Case Styles
Ripple Current Multipliers
Frequency (Hz)
C
≤10
10<C
≤100
100<C
≤1000
50
120
400
1K
10K
100K
0.8
0.8
0.8
1.0
1.0
1.0
1.3
1.23
1.16
1.45
1.36
1.25
1.65
1.48
1.35
1.7
1.53
1.38
C>1000
0.8
1.0
1.11
1.17
1.25
1.28
Temperature (°C)
+85
1.0
+70
1.3
1.0
1.0
1.0
1.3
1.3
1.3
1.5
1.5
1.5
Capacitance (µF)
CKR/
CKS
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
.24
.20
.16
.14
.12
.1
.1
.08
.15
.15
.15
.2
.2
.2
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
Capacitance change
Dissipation factor
Leakage current
Capacitance change
Dissipation factor
Leakage current
≤ 20% of initial measured value
≤ 200% of initial specified value
< The initial specified value
< 20% of initial measured value
≤150% of initial specified value
<100% Initial specified value
2,000 hours at 85°C with rated WVDC
1 minutes
2 minutes
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
.01 CV or 3 µA,
whichever is greater
+60
1.5
-40°C to +85°C (6.3 to 400 WVDC)
-25°C to +85°C (450 WVDC)


Similar Part No. - 474CKR100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474CKR100M ILLINOISCAPACITOR-474CKR100M Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
474CKR100M ILLINOISCAPACITOR-474CKR100M Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
More results

Similar Description - 474CKR100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com