Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477AFB016M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 477AFB016M
Description  Radial Lead Aluminum Polymer Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477AFB016M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  477AFB016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 477AFB016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 477AFB016M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
LEAD INFORMATION V.S. CASE DIAMETER
D
8±0.5
10±0.5
S
3.5±0.5
5.0±0.5
L1
L+1.5
L+1.5
d
.6±0.05
.6±0.05
AFB
Radial Lead
Aluminum Polymer
Electrolytic Capacitors
PHYSICAL DIMENSIONS
2.5
4
6.3
10
16
(2.8)
(4.6)
(7.2)
(11.5)
(18.4)
WVDC
(SV)
(µF)
Convert to inches, divide by 25.4
DxL(mm)
100
8x8
150
8x8
180
8x8
8x9.5
220
8x8
270
8x8
8x9.5
330
8x8
10x8
8x9.5
10x9.5
390
-
8x8
470
8x8
10x9.5
10x12.5
8x8
560
8x8
8x8
10x9.5
8x9.5
8x8
680
8x8
8x8
8x8
10x8
8x9.5
820
8x8
10x9.5
10x8
10x8
8x8
1000
10x9.5
8x8
10x8
10x12.5
8x8
1200
8x8
10x8
1500
10x8
10x8
1800
10x8
2200
10x8
2700
10x12.5


Similar Part No. - 477AFB016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477AFA010M ILLINOISCAPACITOR-477AFA010M Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
477AFA010MLL ILLINOISCAPACITOR-477AFA010MLL Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
477AFA2R5M ILLINOISCAPACITOR-477AFA2R5M Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
477AFA2R5MJL ILLINOISCAPACITOR-477AFA2R5MJL Datasheet
372Kb / 3P
   Surface Mount Aluminum Polymer Electrolytic Capacitors
More results

Similar Description - 477AFB016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476AVG050MFBJ ILLINOISCAPACITOR-476AVG050MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
476ULR010MEF ILLINOISCAPACITOR-476ULR010MEF Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
685AVG160MFBJ ILLINOISCAPACITOR-685AVG160MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
107UER6R3MEW ILLINOISCAPACITOR-107UER6R3MEW Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
107UER016MEF ILLINOISCAPACITOR-107UER016MEF Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
107UER016MES ILLINOISCAPACITOR-107UER016MES Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
107ULR025MFH ILLINOISCAPACITOR-107ULR025MFH Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
157AVG035MFBJ ILLINOISCAPACITOR-157AVG035MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
157ULR020MGU ILLINOISCAPACITOR-157ULR020MGU Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
187AVG035MFBJ ILLINOISCAPACITOR-187AVG035MFBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com