Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54ALS191A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54ALS191A
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54ALS191A Datasheet(HTML) 2 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN54ALS191A, SN74ALS191A
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SDAS210C – DECEMBER 1982 – REVISED JULY 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Two outputs are available to perform the cascading function: ripple clock and maximum/minimum count. The
latter output produces a high-level output pulse with a duration approximately equal to one complete cycle of
the clock while the count is minimum (0) counting down or maximum (15) counting up. The ripple-clock output
(RCO) produces a low-level output pulse under those same conditions, but only while the clock input is low. The
counter easily can be cascaded by feeding the ripple-clock output to the enable input of the succeeding counter
if parallel clocking is used, or to the clock input if parallel enabling is used. The maximum/minimum count
(MAX/MIN) output can be used to accomplish look ahead for high-speed operation.
The SN54ALS191A is characterized for operation over the full military temperature range of – 55
°C to 125°C.
The SN74ALS191A is characterized for operation from 0
°C to 70°C.
logic symbol
1,2– / 1,3+
CTRDIV16
M2 [DOWN]
5
M3 [UP]
14
CLK
G4
C5
11
MAX/MIN
12
2(CT=0)Z6
3(CT=15)Z6
13
6,1,4
3
2
6
7
5D
15
A
1
B
10
C
9
D
G1
4
[1]
[2]
[4]
[8]
CTEN
D/U
QA
QB
QC
QD
LOAD
RCO
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn