Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS153J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS153J
Description  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS153J Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS153J Datasheet HTML 1Page - Texas Instruments SN54ALS153J Datasheet HTML 2Page - Texas Instruments SN54ALS153J Datasheet HTML 3Page - Texas Instruments SN54ALS153J Datasheet HTML 4Page - Texas Instruments SN54ALS153J Datasheet HTML 5Page - Texas Instruments SN54ALS153J Datasheet HTML 6Page - Texas Instruments SN54ALS153J Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54ALS153, SN74ALS153, SN74AS153
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SDAS206A – APRIL 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Permit Multiplexing From n Lines to
One Line
Perform Parallel-to-Serial Conversion
Strobe (Enable) Line Provided for
Cascading (n Lines to n Lines)
′ALS253 and SN74AS253A Are 3-State
Versions of These Parts
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These dual 1-of-4 data selectors/multiplexers
contain inverters and drivers to supply full binary
decoding data selection to the AND-OR gates.
Separate strobe (G) inputs are provided for each
of the two 4-line sections.
The SN54ALS153 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS153 and SN74AS153 are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
STROBE
OUTPUT
SELECT
DATA
STROBE
G
OUTPUT
Y
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
L
L
LL
XX
X
L
L
L
LH
XX
X
L
H
L
HX
LX
X
L
L
L
HX
HX
X
L
H
H
LX
XL
X
L
L
H
LX
XHX
L
H
H
HX
XX
L
L
L
H
H
X
X
X
H
L
H
Select inputs A and B are common to both sections.
SN54ALS153 ...J PACKAGE
SN74ALS153, SN74AS153 ...D OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
A
2C3
NC
2C2
2C1
1C3
1C2
NC
1C1
1C0
SN54ALS153 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
B
1C3
1C2
1C1
1C0
1Y
GND
VCC
2G
A
2C3
2C2
2C1
2C0
2Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54ALS153J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS153J TI1-SN54ALS153J Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN54ALS153J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS153 TI1-SN54ALS153_15 Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F153 TI-SN54F153 Datasheet
95Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F153 TI1-SN54F153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS153 FAIRCHILD-DM74LS153 Datasheet
52Kb / 5P
   Dual 1-of-4 Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI-SN54ALS151_07 Datasheet
652Kb / 17P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
   1-of-8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_08 Datasheet
792Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com