Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS153 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS153
Description  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS153 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AS153 Datasheet HTML 1Page - Texas Instruments SN74AS153 Datasheet HTML 2Page - Texas Instruments SN74AS153 Datasheet HTML 3Page - Texas Instruments SN74AS153 Datasheet HTML 4Page - Texas Instruments SN74AS153 Datasheet HTML 5Page - Texas Instruments SN74AS153 Datasheet HTML 6Page - Texas Instruments SN74AS153 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54ALS153, SN74ALS153, SN74AS153
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SDAS206A – APRIL 1982 – REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54ALS153
SN74ALS153
MIN
MAX
MIN
MAX
tPLH
AorB
Y
5
29
5
21
ns
tPHL
A or B
Y
5
27
5
21
ns
tPLH
Data
Y
3
15
3
10
ns
tPHL
(any C)
Y
2
18
4
15
ns
tPLH
G
Y
5
27
5
18
ns
tPHL
G
Y
3
22
5
18
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74AS153
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74AS153
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–15
mA
IOL
Low-level output current
48
mA
TA
Operating free-air temperature
0
70
°C


Similar Part No. - SN74AS153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS153 TI1-SN74AS153 Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN74AS153D TI1-SN74AS153D Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN74AS153N TI1-SN74AS153N Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN74AS153NSR TI1-SN74AS153NSR Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74AS153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS153 TI1-SN54ALS153_15 Datasheet
770Kb / 17P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F153 TI-SN54F153 Datasheet
95Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
SN54F153 TI1-SN54F153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS153 FAIRCHILD-DM74LS153 Datasheet
52Kb / 5P
   Dual 1-of-4 Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI-SN54ALS151_07 Datasheet
652Kb / 17P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
   1-of-8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_08 Datasheet
792Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com