Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT86DRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AHCT86DRE4
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT86DRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AHCT86DRE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 9Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 10Page - Texas Instruments SN74AHCT86DRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 2


Similar Part No. - SN74AHCT86DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT86DRE4 TI-SN74AHCT86DRE4 Datasheet
1Mb / 34P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN74AHCT86DRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com