Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686ACZ025M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 686ACZ025M
Description  105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686ACZ025M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  686ACZ025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 686ACZ025M Datasheet HTML 2Page - Illinois Capacitor, Inc. 686ACZ025M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ACZ
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
3
®
STANDARD PART LISTING
Capacitance
(µF)
WVDC
Maximum
ESR
120Hz
+20°C
Maximum
RMS Ripple
Current (mA)
at 100kHz,
+105°C
Impedance
100kHz
+20°C
Dimensions
DxL
(mm)
10
35
106ACZ035M
19.8944
0.7
170
5x5.8
10
50
106ACZ050M
19.8944
0.52
215
6.3x5.8
15
35
156ACZ035M
13.2629
0.7
170
5x5.8
15
50
156ACZ050M
13.2629
0.52
215
6.3x5.8
22
35
226ACZ035M
9.0429
0.7
170
5x5.8
22
50
226ACZ050M
9.0429
0.52
215
6.3x5.8
27
16
276ACZ016M
9.8244
0.76
150
5x5.8
27
35
276ACZ035M
7.3683
0.39
250
6.3x5.8
33
10
336ACZ010M
9.5453
0.7
170
5x5.8
33
35
336ACZ035M
6.0286
0.39
240
6.3x5.8
33
50
336ACZ050M
6.0286
0.66
280
6.3x7.7
33
50
336ACZ050MJG
6.0286
0.63
300
8x6.2
47
6.3
476ACZ6R3M
8.4657
0.7
170
5x5.8
47
35
476ACZ035M
4.2328
0.39
240
6.3x5.8
47
50
476ACZ050M
4.2328
0.66
280
6.3x7.7
47
50
476ACZ050MJG
4.2328
0.63
300
8x6.2
56
6.3
566ACZ6R3M
7.1051
0.7
170
5x5.8
56
25
566ACZ025M
4.1447
0.39
250
6.3x5.8
56
50
566ACZ050M
3.55
0.229
215
8x10.5
68
25
686ACZ025M
3.4133
0.39
240
6.3x5.8
68
35
686ACZ035M
2.9256
0.32
290
6.3x7.7
68
50
686ACZ050M
2.9256
0.22
400
8x10.2
100
16
107ACZ016M
2.6526
0.39
240
6.3x5.8
Capacitance
(µF)
WVDC
Maximum
ESR
120Hz
+20°C
Maximum
RMS Ripple
Current (mA)
at 100kHz,
+105°C
Impedance
100kHz
+20°C
Dimensions
DxL
(mm)
100
25
107ACZ025M
2.3210
0.36
290
6.3x7.7
100
50
107ACZ050M
1.9894
0.22
400
8x10.2
100
50
107ACZ050MLL
1.9894
0.16
700
10x10.2
150
10
157ACZ010M
2.1000
0.39
240
6.3x5.8
150
16
157ACZ016M
1.7684
0.32
290
6.3x7.7
150
35
157ACZ035M
1.3263
0.16
600
8x10.2
150
50
157ACZ050M
1.3263
0.13
587
10x10.2
220
6.3
227ACZ6R3M
1.8086
0.39
240
6.3x5.8
220
16
227ACZ016M
1.2057
0.32
290
6.3x7.7
220
16
227ACZ016MJG
1.2057
0.26
300
8x6.2
220
35
227ACZ035M
0.9043
0.16
600
8x10.2
220
50
227ACZ050MLL
0.9043
0.08
850
10x10.2
330
6.3
337ACZ6R3M
1.2057
0.32
290
6.3x7.7
330
6.3 337ACZ6R3MJG
1.2057
0.23
300
8x6.2
330
25
337ACZ025M
0.7033
0.16
600
8x10.2
330
35
337ACZ035MLL
0.7033
0.08
850
10x10.2
470
16
477ACZ016M
0.5644
0.16
600
8x10.2
470
16
477ACZ016MLL
0.5644
0.08
850
10x10.2
680
6.3
687ACZ6R3M
0.5851
0.16
600
8x10.2
680
16
687ACZ016M
0.4632
0.08
850
10x10.2
1000
6.3
108ACZ6R3M
0.3979
0.16
600
8x10.2
1000
10
108ACZ010M
0.3979
0.08
850
10x10.2
1500
6.3
158ACZ6R3M
0.2653
0.08
850
10x10.2
+105°C Very Low
Impedance Surface
Mount Aluminum
Electrolytic Capacitors
PART
NUMBER
PART
NUMBER


Similar Part No. - 686ACZ025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686ACZ025M ILLINOISCAPACITOR-686ACZ025M Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 686ACZ025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M Datasheet
414Kb / 2P
   105째C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com