Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4CW100-000D Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 4CW100-000D
Description  RF Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

4CW100-000D Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  4CW100-000D Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuM Ratings
typical OpeRatiOn
class of
type of service
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage
current
Voltage
Voltage
current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps)
(Watts) (kiloWatts)
c
RF amplifier
20,000
15.0
19,000
750
10.0
1,165
165.0
c
RF amplifier plate Modulated
17,500
15.0
16,000
750
10.0
870
138.0
aB1
RF linear amplifier
20,000
15.0
18,000
1,500
10.0
---
123.0
aB1
aF amplifier or Modulator (2 tubes)
20,000
15.0
18,000
1,500
20.0
---
246.0
---
switch tube or pulse Modulator
40,000
200
38,000
1,500
112
1,680
3,600.0
The 4CW100,000D is recommended for use as a
Class C RF amplifier or oscillator, a Class AB RF
linear amplifier, or a Class AB push-pull AF ampli-
fier or modulator. The 4CW100,000D is also useful
as a plate and screen modulated Class RF ampli-
fier, and in pulse modulator-regulator service.
4cW100,000D
For information on this and other CPI MPP products, visit our website at: www.cpii.com,
or contact: CPI Microwave Products Division, Eimac Operation,607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
100,000 Watts
Screen Dissipation (Max.)
1,750 Watts
Grid Dissipation (Max.)
500 Watts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
4.5
Filament/Cathode
Thoriated Tungsten
Voltage
10.0 Volts
Current
295 Amps
Capacitance
Grounded Cathode
Input
440 pf
Output
55.0 pf
Feedthrough
2.3 pf
Capacitance
Grounded Grid
Input
175 pf
Output
57.0 pf
Feedthrough
0.4 pf
Cooling
Water and Forced Air
Base
Special Graduated Rings
Air Socket
SK-1500
Air Chimney
N/A
Boiler
N/A
Length
18.00 in; 457.00 mm
Diameter
8.00 in; 203.00 mm
Weight
60.0 lb; 27.2 kg


Similar Part No. - 4CW100-000D

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
4CW100-000E CPI-4CW100-000E Datasheet
97Kb / 1P
   RF amplifier
More results

Similar Description - 4CW100-000D

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com