Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3CX3000A1 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 3CX3000A1
Description  Grid driven AF amplifier or modulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

3CX3000A1 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  3CX3000A1 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
aB1
griddrivenaFamplifierormodulator
6,000
2.5
5,500
---
2.2
---
8.25
The 3CX3000A1/8238 low-mu power triode is
forced air cooled and is intended for use as an
audio amplifier or modulator. Available high plate
current under Class AB1 operating conditions
permits high power gain with a minimum of distor-
tion. The tube is coaxial in construction.
3cx3000a1/8238
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
4,000 Watts
Screen Dissipation (Max.)
---
Grid Dissipation (Max.)
50 Watts
Frequency for Max. rating (CW)
--- MHz
Amplification Factor
5
Filament/Cathode
Thoriated Tungsten
Voltage
7.5 Volts
Current
51.5 Amps
Capacitance
---
Input
--- pf
Output
--- pf
Feedthrough
--- pf
Capacitance
---
Input
--- pf
Output
--- pf
Feedthrough
--- pf
Cooling
Forced Air
Base
Coaxial
Air Socket
---
Air Chimney
---
Boiler
---
Length
9.00 in; 228.60 mm
Diameter
4.16 in; 105.70 mm
Weight
6.2 lb ; 2.8 kg


Similar Part No. - 3CX3000A1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX3000A7 CPI-3CX3000A7 Datasheet
89Kb / 1P
   Cathode driven RF amplifier
More results

Similar Description - 3CX3000A1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX3000F1 CPI-3CX3000F1 Datasheet
86Kb / 1P
   Grid driven AF amplifier or modulator
3CX800A7 CPI-3CX800A7 Datasheet
87Kb / 1P
   Cathode Driven RF Linear Amplifier Pulse Modulator or Regulator
3CW5000A3 CPI-3CW5000A3 Datasheet
91Kb / 1P
   Grid Driven RF Amplifier
3CX20-000A3 CPI-3CX20-000A3 Datasheet
111Kb / 1P
   Grid driven RF amplifier
4CX3500A CPI-4CX3500A Datasheet
97Kb / 1P
   Grid driven RF amplifier
4CX12-000A CPI-4CX12-000A Datasheet
92Kb / 1P
   RF amplifier, grid-driven
3CX15-000A7 CPI-3CX15-000A7 Datasheet
139Kb / 1P
   Grid driven RF amplifier
3CX1000A7 CPI-3CX1000A7 Datasheet
98Kb / 1P
   Grid driven RF amplifier
3CX15-000A3 CPI-3CX15-000A3 Datasheet
138Kb / 1P
   Grid driven RF amplifier
3CW5000F3 CPI-3CW5000F3 Datasheet
89Kb / 1P
   Grid Driven RF Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com