Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPN20R12D15 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # WPN20R12D15
Description  20 Watt Regulated DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPN20R12D15 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  WPN20R12D15 Datasheet HTML 1Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 2Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 3Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 4Page - Murata Power Solutions Inc. WPN20R12D15 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PERFORMANCE GRAPHS
15V
12V
5V
3V
OUTPUT RIPPLE VS. TEMPERATURE
-40
-15
25
65
110
Tcase (C)
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
50
45
40
35
30
25
20
15
10
5
0
10
9
8
7
6
5
4
3
2
1
Percentage Change In Output Voltage
5
5
3 -trim +trim
10
5
0
-5
-10
-40
-15
25
65
110
100% Load
20% Load
Tcase (C)
-10
-5
0
5
10
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1
Vin
EFFICIENCY VS. INPUT VOLTAGE
LL
Nom
HL
50%Load
10%Load
100%Load
Percentage Change In Output Voltage
100
90
80
70
60
50
40
30
20
10
0
10
9
8
7
6
5
4
3
2
1
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
EFFICIENCY VS. OUTPUT LOAD
90
85
80
75
70
65
60
55
50
10
20
40
50
60
80
100
Output Load (% or Rated)
1.4
1.2
1
0.8
0.6
0.4
OUTPUT RIPPLE VS. INPUT VOLTAGE
Vin
LL
Nom
HL
12
15
15
+trim -trim trim
1.2
1
0.8
0.6
EFFICIENCY VS. TEMPERATURE
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes
under any circumstances.
The normal wave soldering process can be used with these devices
where the device is subjected to a maximum wave temperature of
260°C for a period of no more than 10 seconds. Within this time and
temperature range, internal temperatures within the converter will not
exceed 175°C. Care should be taken to control manual soldering limits
identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION
WPN20R.B01 Page 4 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
WPN20R
20 Watt Regulated DC/DC Converter


Similar Part No. - WPN20R12D15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R12D15 CANDD-WPN20R12D15 Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
More results

Similar Description - WPN20R12D15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
   20 WATT REGULATED DC/DC CONVERTER
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com