Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VZX-2783C1 Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # VZX-2783C1
Description  1.0kW X-Band TWT Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZX-2783C1 Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  VZX-2783C1 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZX-2783C1 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT-202, ISSUE 2
06/07
PDF
SPECIFICATIONS, VZX-2783C1
Electrical
Frequency
8.0 to 12.75 GHz
TWT Model Number
VTX6389L3 (modified)
Output Power
TWT
1200 W min.
Flange
1000 W min.
Bandwidth
4.75 GHz
Gain
63 dB min. at rated power output
66 dB typ. at small signal
RF Level Adjust
0 to 20 dB continuous
Output Power Adjustability
±0.1 dB
Gain Stability (typical)
±0.25 dB/24 hr max.
(at constant drive and temp.)
Small Signal Gain Slope
0.02 dB/MHz max.
Small Signal Gain Variation
8.0 dB pk-pk max. over the
(typical)
4.75 GHz bandwidth
Input/Output VSWR
1.25:1 max.
Load VSWR
2.0:1 max. for full spec compliance;
any value without damage
Residual AM
-45 dBc up to 4 kHz,
-20 (1.25 +log F kHz) dBc,
4 kHz to 500 kHz (F in kHz)
-80 dBc above 500 kHz
Harmonic Content
-10 dBc typ.
Primary Power
3 phase, 5 wire
208/120 V ±10%, or
380-415/220-240 V ±10%,
47-63 Hz;
5 wires are: Phase 1, 2 & 3, neutral
and ground connection.
Power Factor
0.90 min. (at 50 Hz)
Power Consumption
6.9 kVA (typical)
7.5 kVA max.
Environmental (Operating)
Ambient Temperature
-10° to +40°C operating
-20° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
Up to 10,000 ft (3000 m) with standard
adiabatic derating of 2°/1000 ft.
Shock and Vibration
Designed to meet conditions normally
encountered in the laboratory
Acoustic Noise
72 dBA one meter from front panel
Mechanical
Cooling (TWT)
Forced air with integral blower
and power supply fan. Maximum
external pressure loss allowable:
0.25 inch water gauge.
RF Input Connection
Type N female
RF Output Connection
WRD-650
RF Power Monitors
Type-N female
Dimensions (W x H x D)
RF Drawer
19 x 17.5 x 28 in.
(483 x 445 x 711 mm)
Power Supply
19 x 8.75 x 24 in.
(483 x 223 x 610 mm)
Weight
RF Drawer
180 lbs (82 kg)
Power Supply
100 lbs (45 kg)
Interconnect
10 lbs (4.5 kg)
OPTIONS &
COMP ANION
PRODUCTS:
• Mimic Remote Control
Panel
Certificate Number: 30515


Similar Part No. - VZX-2783C1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZX-3530J1 CPI-VZX-3530J1 Datasheet
154Kb / 2P
   5.0 kW Compact Pulse Amplifier
VZX-6981K4 CPI-VZX-6981K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZX-6981K6 CPI-VZX-6981K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VZX-6984A4 CPI-VZX-6984A4 Datasheet
168Kb / 2P
   400W Compact Medium Power Amplifier
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
   CPI 2.25/2.50 kW TWT X-Band HPA
More results

Similar Description - VZX-2783C1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZM-2780C2 CPI-VZM-2780C2 Datasheet
157Kb / 2P
   500W M-Band TWT Amplifier
VZL-2780C2 CPI-VZL-2780C2 Datasheet
157Kb / 2P
   500W L-Band TWT Amplifier
VTX-6389G5 CPI-VTX-6389G5 Datasheet
86Kb / 1P
   2.5kW X-Band Helix TWT Series
VZS-2780C2 CPI-VZS-2780C2 Datasheet
157Kb / 2P
   500W S/C-Band TWT Amplifier
VTX-6361F1 CPI-VTX-6361F1 Datasheet
100Kb / 1P
   750 W, X-Band Helix TWT Series
VTX-6379E1 CPI-VTX-6379E1 Datasheet
90Kb / 1P
   DUAL C/X-Band Helix TWT Series
VTX-6379E1 CPI-VTX-6379E1_12 Datasheet
102Kb / 1P
   Dual C/X-Band Helix TWT Series
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
   CPI 2.25/2.50 kW TWT X-Band HPA
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VTX-6264D2X CPI-VTX-6264D2X Datasheet
85Kb / 1P
   VTX-6264D2X, 400 W, X-Band Helix TWT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com