Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIP121 Datasheet(PDF) 4 Page - Mospec Semiconductor

Part No. TIP121
Description  POWER TRANSISTORS(5.0A,60-100V,65W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP121 Datasheet(HTML) 4 Page - Mospec Semiconductor

  TIP121 Datasheet HTML 1Page - Mospec Semiconductor TIP121 Datasheet HTML 2Page - Mospec Semiconductor TIP121 Datasheet HTML 3Page - Mospec Semiconductor TIP121 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A


Similar Part No. - TIP121

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
TIP121 MOTOROLA-TIP121 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
Jiangsu Changjiang Electronics Technology Co., Ltd
Jiangsu Changjiang Elec...
TIP121 JIANGSU-TIP121 Datasheet
555Kb / 3P
   Darlington TRANSISTOR (NPN)
TAITRON Components Incorporated
TAITRON Components Inco...
TIP121 TAITRON-TIP121 Datasheet
242Kb / 4P
   Darlington Power Transistors (NPN)
SemiHow Co.,Ltd.
SemiHow Co.,Ltd.
TIP121 SEMIHOW-TIP121 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
Power Innovations Ltd
Power Innovations Ltd
TIP121 POINN-TIP121 Datasheet
157Kb / 6P
   NPN SILICON POWER DARLINGTONS
More results

Similar Description - TIP121

ManufacturerPart No.DatasheetDescription
Mospec Semiconductor
Mospec Semiconductor
2SC2908 MOSPEC-2SC2908 Datasheet
120Kb / 3P
   POWER TRANSISTORS(5.0A,100V,50W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
   POWER TRANSISTORS(65W)
MJ4030 MOSPEC-MJ4030 Datasheet
125Kb / 3P
   POWER TRANSISTORS(16A,60-100V,150W)
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
   POWER TRANSISTORS(8.0A,60-100V,70W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,80W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
   POWER TRANSISTORS(16A,60-100V,125W)
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz