Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBH-101 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # QBH-101
Description  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

QBH-101 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  QBH-101 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 100 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-101
Available as: QBH-101, 4 Pin TO-8 (T4)
QBH-9-101, Connectorized Housing (ES E52-1501)
Specifications
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +125 ºC
Storage Temperature ............................... -65ºC to + 150 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 20 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 13 dB Typical
!
!
!
!
! High Power: +7 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +100 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +100 ºC
Frequency
5 - 500 MHz
5 - 500 MHz
Power
Vdc
+15
+15
mA
18
19 Max.
Noise Figure (dB)
2.4
3.0 Max.
VSWR
In
1.5:1
1.5:1 Max.
Out
1.5:1
1.5:1 Max.
Reverse Isolation (dB)
-23
-22 Min.
Gain (dB)
13.0 ± 0.5
Gain Flatness
0.6
1.0 Max.
Output Intercept point
3rd Order
+20
+18 Min.
2nd Order
+28
+25 Min.
Gain vs. Temperature
+0.6/-1.1 Max.
1 dB Compression (dBm)
+7
+6
Min.
Typical Performance Data
Note:
1. Specifications are guaranteed when tested in a 50 Ohm system. Specifications
indicated as typical are not guaranteed.
03/11/05
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
-70
-20
-40
-60
-50
-30
-10
10
5
100
1000
MHz
4
9
7
5
6
8
10
5
100
1000
MHz
1.3
1.1
1.0
1.2
1.5
10
5
100
1000
MHz
24
20
16
18
26
22
10
5
100
1000
MHz
1.5
3.5
2.0
3.0
Noise Figure (dB)
10
5
100
1000
MHz
Input
Output
2.5
10
13
11
12
14
10
5
100
1000
MHz
15
1.4
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
5
9
20
40
60
80
100
300
500
-27.1
-29.3
-31.9
-32.3
-31.1
-29.8
-28.6
-22.7
-24.2
119.6
114.6
100.2
82.0
70.5
60.8
53.2
-8.1
-65.9
13.0
13.0
13.1
13.1
13.1
13.0
13.0
13.0
13.0
-174.6
-178.4
-176.4
169.7
163.9
158.3
152.9
97.7
38.0
-42.0
-41.5
-40.7
-39.8
-38.8
-37.6
-36.6
-29.4
-25.9
11.7
11.1
14.3
21.1
27.1
31.7
32.8
17.5
-12.8
-24.4
-28.7
-33.5
-36.0
-36.0
-34.7
-33.1
-23.4
-19.5
96.6
83.5
57.7
40.6
36.2
38.2
34.7
20.0
85.2
==================================================================
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QBH-101

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-101 APITECH-QBH-101 Datasheet
64Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - QBH-101

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com