Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKP100MT315C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # VKP100MT315C
Description  100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VKP100MT315C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  VKP100MT315C Datasheet HTML 1Page - Murata Power Solutions Inc. VKP100MT315C Datasheet HTML 2Page - Murata Power Solutions Inc. VKP100MT315C Datasheet HTML 3Page - Murata Power Solutions Inc. VKP100MT315C Datasheet HTML 4Page - Murata Power Solutions Inc. VKP100MT315C Datasheet HTML 5Page - Murata Power Solutions Inc. VKP100MT315C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OUTPUT 1
OUTPUT 2
OUTPUT 3
PARAMETER
CONDITIONS
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
UNITS
Output Power
Total Combined O/P Power =
100 Watts Max
50
100
25
50
25
50
W
Set Point Voltage
I
O Nom
3.3
12.2
12.2
V
Output Current, I
OUT
0.5
15
30.0
0
2.1
4.2
0
2.1
4.2
A
Output Ripple, p-p
DC to 20MHz*
100
200
150
500
150
500
mV
Output Adjust Range
*
3.15
3.80
Dependent on V1
V
Output Temperature Drift
.02
.05
.02
.05
.02
.05
%/°C
Line Regulation
V
IN, Min
V
IN
V
IN, Max
I
O = IO, Nom
0.05
0.10
1.0
2.0
1.0
2.0
%
Load Regulation
Min Load to Rated Load
0.50
1.00
%
Current Limit Inception
Other Outputs Min Load
38
6.0
6.0
A
Short-Circuit Current
30
38
5.0
6.0
5.0
6.0
A
Transient Response
50 to 100% Load Step
Peak Deviation
150
250
mV
Settling Time
V
OUT, 1% of VOUT, Nom
35
50
Sec
Overvoltage Limit
4.2
5.0
V
Efficiency
I
OUT1=15A, (IOUT2+IOUT3)= 4.2A
85
86
%
F.L. V
IN=Nominal
INPUT SPECIFICATIONS, ALL MODELS Specifications are at T
CASE = +40°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Fusing
10
A
Voltage Range
VKP100MTC Series
33
48
75
VDC
Reflected Ripple Current
Peak - Peak
370
mA
Input Ripple Rejection
DC to 1KHz
50
60
dB
Maximum Input Current
Output Power = 100W
VKP100MTC Series
V
IN = 30V
5
A
No Load Power Dissipation
P
OUT = 0, VIN, Min<VIN<VIN, Max
6
W
Inrush Charge
VKP100MTC Series
0.247
mC
Quiescent Operating Current
Primary On/Off Disabled
7.5
10
mA
Secondary On/Off Disabled
15
20
mA
VKP100MT312C OUTPUT SPECIFICATIONS Specifications are at T
CASE = +40°C nominal input voltage unless otherwise specified.
See Regulation Curves
See Regulation Curves
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Input to Each Output
Peak Test
1500
VDC
Input to Baseplate
1500
VDC
Channel to Channel
Any Channel to Any Channel
500
VDC
Resistance, Input - Output
10
M
Capacitance, Input - Output
2000
pF
Leakage Current
V
ISO = 240V
AC
, 60Hz
180
A, rms
GENERAL
Set Point Accuracy
V
IN = Nominal, 50% Load
1
%
Turn-on Time
Within 1% of Nominal V
OUT
3.5
5
mSec
Remote On/Off Control Inputs
Primary
Open Collector/Drain
Sink Current-Logic Low
V
IN = VMAX
7
mA
Vlow
0.8
V
Vhigh
Open Collector
Secondary
Open Collector/Drain
Sink Current-Logic Low
100
A
Vlow
0.4
V
Vhigh
Open Collector
External Synchronization Input
Frequency
440
520
KHz
Pulse Width
150
320
nSec
Source Impedence
47
Input High Voltage
4
5
V
Input Low Voltage
0
1
V
Input Impedance
470
Switching Frequency
470
480
490
KHz
Weight
3 (85)
oz (g)
TEMPERATURE
Case Temperature
Operation/Specification
-40
+100
C
Storage
-55
+125
°C
Shutdown
+100
+115
°C
Thermal Inpedance
Case to Ambient
8.2
°C/W
COMMON SPECIFICATIONS, ALL MODELS Specifications are at T
CASE = +40°C nominal input voltage unless otherwise specified.
VKP100MTC.B01 Page 2 of 6
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VKP100MTC Series
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter


Similar Part No. - VKP100MT315C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKP100MT315 CANDD-VKP100MT315 Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP100MT315 MURATA-PS-VKP100MT315 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results

Similar Description - VKP100MT315C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
C&D Technologies
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com