Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC100-35 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # SLC100-35
Description  40 Amp Single Output Quarter Brick DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SLC100-35 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  SLC100-35 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-35 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SLC100 Rev B
5/2004
MECHANICAL (THROUGH HOLE)
NOTES:
General Tolerance; ±.015
Pin Locations/Diameters: ±.005
Dimensions are in inches
[Millimeters]
Pin material: Copper
Pin Finish: Matte Tin over Nickel
Converter weight: [30.8g]
MECHANICAL (SMT)
PIN FUNCTIONS
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
- Sense
6
Trim
7
+ Sense
8
+Vout
Interconnect FUNCTIONS
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
- Sense
6
Trim
7
+ Sense
8
+Vout
* Interconnect co-planarity within 0.004”
UL/TUV Standards require a clearance
greater than 0.06” between input and
output for Basic insulation. This should be
considered if copper traces are used on
the top side of the board under the con-
verter unit. Ferrite cores are considered
part of the input/primary circuit.
UL/TUV Standards require a clearance
greater than 0.06” between input and
output for Basic insulation. This should be
considered if copper traces are used on
the top side of the board under the con-
verter unit. Ferrite cores are considered
part of the input/primary circuit.
NOTES:
General Tolerance; ±.015
Interconnect Locations/
Diameters: ±.005
Dimensions are in inches
[Millimeters]
Pin material: Copper
Pin Finish: Matte Tin over Nickel
Converter weight: [30.8g]


Similar Part No. - SLC100-35

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100-35 CANDD-SLC100-35 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Similar Description - SLC100-35

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com