Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC100-24 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # SLC100-24
Description  40 Amp Single Output Quarter Brick DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SLC100-24 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  SLC100-24 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-24 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SLC100 Rev B 5/2004
PRODUCT SELECTION CHART
40 Amp Single
Output Quarter
Brick DC/DC
Converter
SLC100
Corporate: www.cdtechno.com
Industry Standard Footprint & Size -
2.28” x 1.45”
High Efficiency
Wide Input Voltage Range: 36 – 75VDC
Output Voltages: 1.0V,1.2 V, 1.5V,
1.8V, 2.0V, 2.5V, 3.3V, 5.0V & 12V
Output VoltageTrim Function
Remote Sense for output compensation
Remote ON/OFF control referenced to
input side (Positive or Negative Logic)
Output Current Limit
No Minimum Load Requirement
SMD Models with Position PerfectTM
Interconnects
Isolation Voltage of 2000 VDC
Fixed Frequency Operation
UL/CUL 60950 recognized (US & Canada),
basic insulation rating
Meets TNV-SELV Isolation Requirements
Meets Conducted Emissions Requirements
of FCC Class B and EN55022 Class B
with External Filter
No Heatsink Required
Thermal Shutdown
Input Undervoltage Lockout
The SLC100 Series is a 40 Amp single
output, low-profile DC-DC converter in
an industry standard package of 2.28” x
1.45” x 0.40”. The SLC100 uses unique
proprietary technologies to deliver ultra-
high efficiencies and excellent thermal
performance. It includes extensive
control and protection features for
maximum flexibility and provides a
versatile solution for a whole range of
applications with its input voltage range of
36-75 VDC and output voltages between
1.0VDC and 12.0VDC.
The power dissipation of the SLC100
series is so low that a heat sink is not
required. Thermal derating curves are
provided indicating maximum allowable
output current versus airflow and ambient
temperature. The product features fast
dynamic response characteristics and low
output ripple critical for low voltage
applications. SLC DC-DC converter
modules are certified to UL/CUL 60950,
and VDE to EN60950. It meets CISPR22/
EN55022/FCC15J Class B specs for EMI
levels with external filtering.
This high quality and highly reliable
product is competitively priced and an ideal
solution for distributed power, telecoms
and datacom applications.
* Note 1: Maximum output current for SMD Models is 25A.
INPUT
CURRENT
AT RATED LOAD (A)
(48Vin)
1
Product: www.cdpoweronline.com
NOMINAL
RATED
INPUT
OUTPUT
OUTPUT CURRENT
EFFICIENCY
VOLTAGE
VOLTAGE
MIN
RATED
(%)
MODEL
(VDC)
(VDC)
LOAD(A)
OUTPUT (A)1
TYPICAL
SLC100
48
1.0
0.0
40
TBD
TBD
SLC100
48
1.2
0.0
40
1.80
80
SLC100
48
1.5
0.0
40
2.20
82
SLC100
48
1.8
0.0
40
TBD
TBD
SLC100
48
2.0
0.0
40
TBD
TBD
SLC100
48
2.5
0.0
40
TBD
TBD
SLC100
48
3.3
0.0
30
TBD
TBD
SLC100
48
5.0
0.0
20
TBD
TBD
SLC100
48
12.0
0.0
8.3
TBD
TBD
OBSOLETE PRODUCT
Contact factory for replacement model


Similar Part No. - SLC100-24

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100-24 CANDD-SLC100-24 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Similar Description - SLC100-24

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com