Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC100-22 Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # SLC100-22
Description  40 Amp Single Output Quarter Brick DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SLC100-22 Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

  SLC100-22 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-22 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
SLC100 1.5VOUT ELECTRICAL SPECIFICATIONS
Specifications are at T
A = +25°C, Airflow = 300LFM (1.5m/s) at
nominal input voltage unless otherwise specified.
* Note 1: Maximum output current for SMD Models is 25A.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Maximum Input Current
Inrush Charge
Reflected Ripple Current
Input Voltage Ripple Rejection
No Load Input Current
Quiescent Input Current
OUTPUT
Voltage Setpoint
Voltage Range
Line Regulation
Load Regulation
Output Ripple
Output Current Range
Output Current Limit Inception
Efficiency
Transient Response
Peak Deviation
Settling Time
External Load Capacitance
Rated Power
44
48
A
100
mVpk-pk
0
401
A
82
%
50,000
mF
50% to 75% Load Step at di/dt
=0.1 A/
mS; Cext =TBD
TBD
mV
TBD
mS
2.20
A
TBD
mApk-pk
Vin = 75Vdc
0.180
mC
-30
dB
75
mA
2
mA
1.5
1.520
Vdc
TBD
TBD
Vdc
Full Load; Vin = 36Vdc
Full Load (100Hz-1KHz)
Full Load, XXMhz Bandwidth
No Load
0.05
0.10
% of Vnom
0.25
0.50
% of Vnom
48
W
TBD
1.490
Over all conditions of line,
load and temperature
Disabled Input Current
3.0
mA
Recommended Input Fuse
Fast blow external fuse
7
A
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED


Similar Part No. - SLC100-22

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100-22 CANDD-SLC100-22 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Similar Description - SLC100-22

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com